Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL924A Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL924A
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL924A Datasheet(HTML) 3 Page - Texas Instruments

  TIL924A Datasheet HTML 1Page - Texas Instruments TIL924A Datasheet HTML 2Page - Texas Instruments TIL924A Datasheet HTML 3Page - Texas Instruments TIL924A Datasheet HTML 4Page - Texas Instruments TIL924A Datasheet HTML 5Page - Texas Instruments TIL924A Datasheet HTML 6Page - Texas Instruments TIL924A Datasheet HTML 7Page - Texas Instruments TIL924A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TIL923, TIL924, TIL925
TIL923A, TIL924A, TIL925A
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
SOOS031 – OCTOBER 1991
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics at 25
°C free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VCC =10V
IC( ) =10mA
RL = 100 Ω
See Figure 1
100
µs
tf
Fall time
VCC = 10 V, IC(on) = 10 mA, RL = 100 Ω, See Figure 1
100
µs
PARAMETER MEASUREMENT INFORMATION
RL = 100 Ω
47
+
90%
10%
Output
Input
tf
tr
0
0
90%
10%
TEST CIRCUIT
VOLTAGE WAVEFORMS
Adjust amplitude of input pulse
for IC(on) = 10 mA
Input
(see Note A)
Output
(see Note B)
VCC = 10 V
NOTES: A. The input waveform is supplied by a generator with the following characteristics: Zo = 50 Ω, tr ≤ 15 ns, duty cycle = 1%, tw = 500 µs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr ≤ 12 ns, Rin ≥ 1 MΩ, Cin ≤ 20 pF.
Figure 1. Switching Times


Similar Part No. - TIL924A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL920A TI1-TIL920A Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL920B TI1-TIL920B Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL921 TI1-TIL921 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL921A TI1-TIL921A Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results

Similar Description - TIL924A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL917 TI-TIL917 Datasheet
119Kb / 7P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3020 TI-TIL3020 Datasheet
94Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com