Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21205 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS21205
Description  TRANSFER-MOLD TYPE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21205 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS21205 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21205
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 1999
13.5
13.5
4.9
0.8
3.0
0.45
10.0
10.5
10.3
10.8
1.0
0.8
2.5
0.8
2.5
mA
V
Tj = 25°C
Tj = 125°C
IC = 20A, Tj = 25°C
IC = 20A, Tj = 125°C
VCE(sat)
VEC
ton
trr
tc(on)
toff
tc(off)
ICES
Condition
Symbol
Parameter
Limits
Inverter IGBT part (per 1/6 module)
Inverter FWDi part (per 1/6 module)
Case to fin, (per 1 module)
thermal grease applied
Rth(j-c)Q
Rth(j-c)F
Rth(c-f)
Min.
°C/W
THERMAL RESISTANCE
Typ.
Max.
2.2
4.5
0.067
Unit
Tj = 25°C, –IC = 20A, VCIN = 5V
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise noted)
INVERTER PART
Collector-emitter saturation
voltage
FWDi forward voltage
Junction to case thermal
resistance
Contact thermal resistance
VD = VDB = 15V
VCIN = 0V
Switching times
VCC = 300V, VD = VDB = 15V
IC = 20A, Tj = 125°C, VCIN = 5V
→ 0V
Inductive load (upper-lower arm)
Note: ton, toff include delay time of the internal control
circuit
Collector-emitter cut-off
current
VCE = VCES
1.8
2.0
2.2
0.8
0.1
0.5
2.0
1.0
1.0
10
V
µs
Note 2 : Short circuit protection is functioning only at the low-arms. Please select the value of the external shunt resistor such that the SC trip-
level is less than 34.0 A.
3: Fault signal is output when the low-arms short circuit or control supply under-voltage protective functions operate. The fault output pulse-
width tFO depends on the capacitance value of CFO according to the following approximate equation : CFO = 12.2 ! 10-6 ! tFO [F].
Applied between:
UP, VP, WP-VPC
Applied between:
UN, VN, WN-VNC
Trip level
Reset level
Trip level
Reset level
VP1-VPC, VN1-VNC
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
VP1-VPC, VN1-VNC
VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
Applied between VP1-VPC, VN1-VNC
Applied between VUFB-VUFS, VVFB-VVFS, VWFB-VWFS
Control supply voltage
Control supply voltage
Circuit current
Condition
Symbol
Parameter
Limits
VD
VDB
ID
VFOH
VFOL
VFOsat
fPWM
tdead
VSC(ref)
UVDBt
UVDBr
UVDt
UVDr
tFO
Vth(on)
Vth(off)
Vth(on)
Vth(off)
Min.
Typ.
Max.
Unit
CONTROL (PROTECTION) PART
VD = VDB= 15V,
input = OFF
VD = VDB= 15V,
input = ON
VSC = 0V, FO circuit : 10k
Ω to 5V pull-up
VSC = 1V, FO circuit : 10k
Ω to 5V pull-up
VSC = 1V, IFO = 15mA
TC
≤ 100°C, Tj ≤ 125°C
Relates to corresponding input signal for blocking arm
shoot-through.
–20°C
≤ TC ≤ 100°C
Tj = 25°C, VD = 15°C
(Note 2)
Fault output voltage
PWM input frequency
Allowable deadtime
Short circuit trip level
Supply circuit under-voltage
protection
Tj
≤ 125°C
Fault output pulse width (Note 3)
ON threshold voltage
OFF threshold voltage
ON threshold voltage
OFF threshold voltage
CFO = 22nF (connected between CFO–VNC)
H-side
L-side
15.0
15.0
4.25
0.50
4.95
0.50
1.0
1.2
5.0
0.5
1.8
1.4
3.0
1.4
3.0
16.5
16.5
8.50
1.00
9.70
1.00
2.0
1.8
0.55
12.0
12.5
12.5
13.0
2.0
4.0
2.0
4.0
V
V
mA
mA
mA
mA
V
V
V
kHz
µs
V
V
V
V
V
ms
V
V


Similar Part No. - PS21205

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS21205

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21212 MITSUBISHI-PS21212 Datasheet
183Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21312 MITSUBISHI-PS21312 Datasheet
185Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com