Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBM25NPE405L-3FA133C Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # IBM25NPE405L-3FA133C
Description  PowerNP
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

IBM25NPE405L-3FA133C Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button IBM25NPE405L-3FA133C Datasheet HTML 7Page - Applied Micro Circuits Corporation IBM25NPE405L-3FA133C Datasheet HTML 8Page - Applied Micro Circuits Corporation IBM25NPE405L-3FA133C Datasheet HTML 9Page - Applied Micro Circuits Corporation IBM25NPE405L-3FA133C Datasheet HTML 10Page - Applied Micro Circuits Corporation IBM25NPE405L-3FA133C Datasheet HTML 11Page - Applied Micro Circuits Corporation IBM25NPE405L-3FA133C Datasheet HTML 12Page - Applied Micro Circuits Corporation IBM25NPE405L-3FA133C Datasheet HTML 13Page - Applied Micro Circuits Corporation IBM25NPE405L-3FA133C Datasheet HTML 14Page - Applied Micro Circuits Corporation IBM25NPE405L-3FA133C Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Preliminary
PowerNP NPe405L Embedded Processor Data Sheet
9
• Programmable access timing per device
- 0–255 wait states for non-bursting devices
- 0 –31 Burst Wait States for first access and up to 7 Wait States for subsequent accesses
- Programmable chip select assertion/negation relative to driving address bus
- Programmable output and write-enable assertion/negation relative to assertion of chip select
• Programmable address mapping
• Peripheral device wait via “Ready”
DMA Controller
• Supports the following transfers:
- Memory-to-memory transfers
- Buffered peripheral to memory transfers
- Buffered memory to peripheral transfers
• Four channels
• Scatter/Gather capability for programming multiple DMA operations
• 8-, 16-, 32-bit peripheral support (OPB and external bus attached)
• 32-bit addressing
• Address increment or decrement
• Internal 32-byte data buffering capability
• Supports internal and external peripherals
• Support for memory mapped peripherals
• Support for peripherals running on slower frequency buses
Serial Interface
• Two 8-pin UART interfaces provided
• Selectable internal or external serial clock to allow wide range of baud rates
• Register compatibility with NS16550 register set
• Complete status reporting capability
• Transmitter and receiver are each buffered with 16-byte FIFOs when in FIFO mode
• Fully programmable serial-interface characteristics
• Supports DMA using internal DMA engine


Similar Part No. - IBM25NPE405L-3FA133C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IBM25PPC603EV-XX-XXX-X NXP-IBM25PPC603EV-XX-XXX-X Datasheet
575Kb / 40P
   PowerPC 603e™ RISC Microprocessor Family:PID7v-603e Hardware Specifications
REV 1 11/96
More results

Similar Description - IBM25NPE405L-3FA133C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
NPE405H AMCC-NPE405H Datasheet
1Mb / 70P
   PowerNP NPe405H Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com