Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPE405L Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # NPE405L
Description  PowerNP
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

NPE405L Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button NPE405L Datasheet HTML 6Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 7Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 8Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 9Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 10Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 11Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 12Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 13Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Preliminary
PowerNP NPe405L Embedded Processor Data Sheet
8
SDRAM Memory Controller
The NPe405L Memory Controller provides a low latency access path to SDRAM memory. The memory
controller supports four logical banks. Up to 256MB per bank are supported, for a maximum of 1 GB total.
Memory access and refresh timing, address and bank sizes, and memory addressing modes are
programmable.
Features include:
• 11x8 to 13x11 row-column address modes (2- and 4-bank devices supported)
• Memory bus operates at same frequency as PLB
• 32-bit memory interface support
• Programmable address range for each bank of memory
- 4GB address space
• Industry standard 168-pin DIMMS are supported (some configurations)
• 200 MHz NPe405H supports up to 100 MHz memory with PC100 support
• 266 MHz NPe405H supports up to 133 MHz memory with PC133 support
• 4MB to 256 MB per bank
• Programmable timing
• Auto refresh
• Page Mode Accesses with up to 4 open pages
• Power Management (self-refresh)
• Error Checking and Correction (ECC) support
- Standard single error correct, double error detect coverage
- Aligned nibble error detect
- Address error logging
External Bus Controller (EBC)
• Supports four ROM, EPROM, SRAM, Flash, and Slave Peripheral I/O banks supported
• Up to 66.66MHz operation
• Burst and non-burst devices
• 8-, 16-bit byte-addressable data bus width support
• Latch data on Ready, Synchronous or Asynchronous
• Programmable 2K clock-cycle time-out counter with disable for Ready


Similar Part No. - NPE405L

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
NPE405H AMCC-NPE405H Datasheet
1Mb / 70P
   PowerNP NPe405H Embedded Processor
NPE405H-3BA133C AMCC-NPE405H-3BA133C Datasheet
1Mb / 70P
   PowerNP NPe405H Embedded Processor
NPE405H-3BA133CZ AMCC-NPE405H-3BA133CZ Datasheet
1Mb / 70P
   PowerNP NPe405H Embedded Processor
NPE405H-3BA200C AMCC-NPE405H-3BA200C Datasheet
1Mb / 70P
   PowerNP NPe405H Embedded Processor
NPE405H-3BA200CZ AMCC-NPE405H-3BA200CZ Datasheet
1Mb / 70P
   PowerNP NPe405H Embedded Processor
More results

Similar Description - NPE405L

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
NPE405H AMCC-NPE405H Datasheet
1Mb / 70P
   PowerNP NPe405H Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com