Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPE405H-3BA200C Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # NPE405H-3BA200C
Description  PowerNP NPe405H Embedded Processor
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

NPE405H-3BA200C Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  NPE405H-3BA200C Datasheet HTML 1Page - Applied Micro Circuits Corporation NPE405H-3BA200C Datasheet HTML 2Page - Applied Micro Circuits Corporation NPE405H-3BA200C Datasheet HTML 3Page - Applied Micro Circuits Corporation NPE405H-3BA200C Datasheet HTML 4Page - Applied Micro Circuits Corporation NPE405H-3BA200C Datasheet HTML 5Page - Applied Micro Circuits Corporation NPE405H-3BA200C Datasheet HTML 6Page - Applied Micro Circuits Corporation NPE405H-3BA200C Datasheet HTML 7Page - Applied Micro Circuits Corporation NPE405H-3BA200C Datasheet HTML 8Page - Applied Micro Circuits Corporation NPE405H-3BA200C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
NPe405H – PowerNP NPe405H Embedded Processor
Revision 1.01 – April 18, 2007
AMCC Proprietary
DS2011
5
Data Sheet
ORDERING, PVR, AND JTAG INFORMATION
This section provides the part numbering nomenclature for the NPe405H. For availability, contact your local AMCC
sales office.
The part number contains a part modifier. This modifier provides for identification of future enhancements (for
example, higher performance).
Each part number also contains a revision code. This refers to the die mask revision number and is specified in the
part numbering scheme for identification purposes only.
The PVR (Processor Version Register) is software accessible and contains additional information about the revi-
sion level of the part. Refer to the NPe405H User’s Manual for details on the register content.
AMCC Part Number Key
Product Name
Order Part Number
1
Processor
Frequency
Package
Rev
Level
PVR Value
JTAG ID
NPe405H
NPe405H-3BA133C
133MHz
35mm, 580 E-PBGA
A
0x41410140
0x04267049
NPe405H
NPe405H-3BA133CZ
133MHz
35mm, 580 E-PBGA
A
0x41410140
0x04267049
NPe405H
NPe405H-3BA200C
200MHz
35mm, 580 E-PBGA
A
0x41410140
0x04267049
NPe405H
NPe405H-3BA200CZ
200MHz
35mm, 580 E-PBGA
A
0x41410140
0x04267049
NPe405H
NPe405H-3BA266C
266MHz
35mm, 580 E-PBGA
A
0x41410140
0x04267049
NPe405H
NPe405H-3BA266CZ
266MHz
35mm, 580 E-PBGA
A
0x41410140
0x04267049
Note 1: Z at the end of the Order Part Number indicates a tape and reel shipping package. Otherwise, the chips are shipped in a tray.
AMCC Part Number
NPe405H-3BA200Cx
Package (E-PBGA)
Processor Speed
Grade 3 Reliability
Operational Case Temperature Range
Revision Level
Shipping Package
Blank = Tray
Z
= Tape and reel
(-40°C to +85°C)
200MHz
266MHz
133MHz


Similar Part No. - NPE405H-3BA200C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
NPE405L AMCC-NPE405L Datasheet
944Kb / 54P
   PowerNP
More results

Similar Description - NPE405H-3BA200C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
NPE405L AMCC-NPE405L Datasheet
944Kb / 54P
   PowerNP
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com