Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40170 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 40170
Description  Combiner/Dividers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

40170 Datasheet(HTML) 1 Page - Anaren Microwave

  40170 Datasheet HTML 1Page - Anaren Microwave 40170 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model 40170
Combiner/Dividers
4 - Way
Outline Drawing
Applications_____________
Microstrip Circuits
LO Networks
Dividers/Combiners
Switch Networks
Balanced Detectors
Antenna Feeds
Features________________
0.7 – 1.4 GHz
4 – Way Power Split
Reliable Performance
Handles 100 Watts
Meets MIL-E-5400 Class 3 Requirements
NOTES: Anaren Power rating applies when solder tab/coupler interface has been
conformally coated. Testing is done at ambient temperature only.
Electrical and Mechanical Specifications subject to change without notice.


Similar Part No. - 40170

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4017 FAIRCHILD-4017 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
Heyco.
4017 HEYCO-4017 Datasheet
95Kb / 1P
   EPDM Snap-In Liquid Tight Bushings
logo
Molex Electronics Ltd.
40174-02-100B MOLEX3-40174-02-100B Datasheet
210Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable
40174-03-100B MOLEX3-40174-03-100B Datasheet
210Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 3 Circuits
40174-04-100B MOLEX3-40174-04-100B Datasheet
210Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 4 Circuits
More results

Similar Description - 40170

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
40600 ANAREN-40600 Datasheet
354Kb / 2P
   Combiner/Dividers
logo
STMicroelectronics
HCC4017B STMICROELECTRONICS-HCC4017B Datasheet
281Kb / 12P
   COUNTERS/DIVIDERS
logo
Anaren Microwave
40266 ANAREN-40266_14 Datasheet
211Kb / 4P
   Power Dividers
logo
Analog Devices
AD531 AD-AD531_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
logo
Anaren Microwave
40255 ANAREN-40255 Datasheet
597Kb / 3P
   Power Dividers
40256 ANAREN-40256 Datasheet
625Kb / 3P
   Power Dividers
40260 ANAREN-40260 Datasheet
202Kb / 3P
   Power Dividers
40263 ANAREN-40263 Datasheet
207Kb / 3P
   Power Dividers
40269 ANAREN-40269 Datasheet
524Kb / 3P
   Power Dividers
41620 ANAREN-41620 Datasheet
195Kb / 3P
   Power Dividers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com