Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

30110 Datasheet(PDF) 1 Page - Anaren Microwave

Part No. 30110
Description  Hybrid Couplers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANAREN [Anaren Microwave]
Homepage  http://www.anaren.com
Logo 

30110 Datasheet(HTML) 1 Page - Anaren Microwave

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model 30110
Hybrid Couplers
3 dB, 180
o
Outline Drawing
Applications_____________
Balanced Mixers
Antenna Feed Networks
Image Reject Mixers
Dividers/Combiners
Single Sideband Modulators
Features________________
Military Grade
0.6 – 1.2 GHz
2–Way power Split
180 Degree
Stainless Steel Connectors
Rugged Aluminum Housing
Low VSWR
Meets MIL-E-5400 Class 3 Requirements
Electrical and Mechanical Specifications subject to change without notice.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1A0920-3Hybrid Couplers 1 2 Anaren Microwave
1D0263-3Hybrid Couplers 1 Anaren Microwave
10014-3Hybrid Couplers 1 2 3 Anaren Microwave
10265-3Hybrid Couplers 1 Anaren Microwave
30070Hybrid Couplers 1 2 3 Anaren Microwave
1B0024-3Hybrid Couplers 1 2 3 Anaren Microwave
1E0018-3Hybrid Couplers 1 2 3 Anaren Microwave
1Y0265-3Hybrid Couplers 1 2 Anaren Microwave
10266-3Hybrid Couplers 1 Anaren Microwave
203X3 dB Hybrid Couplers 1 2 3 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn