Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

10266-3 Datasheet(PDF) 1 Page - Anaren Microwave

Part No. 10266-3
Description  Hybrid Couplers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANAREN [Anaren Microwave]
Homepage  http://www.anaren.com
Logo 

10266-3 Datasheet(HTML) 1 Page - Anaren Microwave

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Hybrid Couplers
3 dB, 90°
4.1.53
Features
• Welded Tab Mount
• 2-Way Power Split
• Reliable Performance
• Handles 60 Watts
Applications
• Microstrip Circuits
• Divider/Combiners
• Switch Networks
• Balanced Detectors
• Antenna Feeds
Outline Drawing
Electrical Specifications
Notes: Electrical specifications apply only with properly designed test fixtures. Testing is done at ambient temper-
ature only. Sample testing is performed to MIL-STD-105, Level 2, AQL 1.0. Test includes coupling, amplitude
balance, insertion loss and isolation. If your application requires additional testing, consult Anaren Power rating
applies when solder tab/coupler interface has been conformally coated. Impedance: 50 ohms. Meets MIL-E-5400
Class 3 requirements. Additional screening available for military and space applications.
Electrical and Mechanical Specifications subject to change without notice.
Frequency
Isolation
Insert. Loss
VSWR
GHz
dB Min/Typ
dB Max
Max : 1
2.0 - 4.0
17/21
0.35
1.30/1.20
Amp. Bal.
Phase Bal.
Power
dB Max
Degrees Max
Ave. CW Watts
±0.50
±2.5
60
Model 10266-3
NOTES:
1. DIMENSIONS ARE IN INCHES OVER (MILLIMETERS)
2. MARKING SHALL BE IN ACCORDANCE WILL MIL-STD-130
3. FINISH: CHEMICAL CONVERSATION COAT (CLEAR)
PER MIL-C-5541, CLASS 1A
4. SOLDER TAB:
4.1 MATERIAL:FLAT WIRE, COPPER-061,
PER ASTM-B-272
4.2 FINISH: GOLD PLATE PER MIL-G-45204,
TYPE 3, GRADE A, CLASS 00.
OVER NICKEL SULFAMATE FLASH PER QQ-N-290,
CLASS I.


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1A0920-3Hybrid Couplers 1 2 Anaren Microwave
1D0263-3Hybrid Couplers 1 Anaren Microwave
10014-3Hybrid Couplers 1 2 3 Anaren Microwave
10265-3Hybrid Couplers 1 Anaren Microwave
1B0024-3Hybrid Couplers 1 2 3 Anaren Microwave
1E0018-3Hybrid Couplers 1 2 3 Anaren Microwave
1Y0265-3Hybrid Couplers 1 2 Anaren Microwave
203X3 dB Hybrid Couplers 1 2 3 Tyco Electronics
1B0220-3Hybrid Couplers 1 2 Anaren Microwave
1E0320-3Hybrid Couplers 1 Anaren Microwave

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn