Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6401EE01ER Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6401EE01ER
Description  Dual LDO Regulators, Low ESR Cap. Compatible
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401EE01ER Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6401EE01ER Datasheet HTML 1Page - Torex Semiconductor XC6401EE01ER Datasheet HTML 2Page - Torex Semiconductor XC6401EE01ER Datasheet HTML 3Page - Torex Semiconductor XC6401EE01ER Datasheet HTML 4Page - Torex Semiconductor XC6401EE01ER Datasheet HTML 5Page - Torex Semiconductor XC6401EE01ER Datasheet HTML 6Page - Torex Semiconductor XC6401EE01ER Datasheet HTML 7Page - Torex Semiconductor XC6401EE01ER Datasheet HTML 8Page - Torex Semiconductor XC6401EE01ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/24
XC6401 Series
E-1
E-2
DETECT VOLTAGE
DROPOUT VOLTAGE 1
DROPOUT VOLTAGE 2
SETTING OUTPUT VOLTAGE
(V)
(mV)
(mV)
(V)
VOUT
Vdif 1
Vdif 2
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
0.80
0.770
0.830
0.85
0.820
0.880
300
700
400
800
0.90
0.870
0.930
0.95
0.920
0.980
200
600
350
700
1.00
0.970
1.030
1.05
1.020
1.080
100
500
270
600
1.10
1.070
1.130
1.15
1.120
1.180
80
400
240
500
1.20
1.170
1.230
1.25
1.220
1.280
65
300
200
400
1.30
1.270
1.330
1.35
1.320
1.380
60
200
180
300
1.40
1.370
1.430
1.45
1.420
1.480
55
100
165
250
1.50
1.470
1.530
1.55
1.519
1.581
1.60
1.568
1.632
1.65
1.617
1.683
1.70
1.666
1.734
1.75
1.715
1.785
50
75
150
200
1.80
1.764
1.836
1.85
1.813
1.887
1.90
1.862
1.938
1.95
1.911
1.989
45
65
140
180
2.00
1.960
2.040
2.05
2.009
2.091
2.10
2.058
2.142
2.15
2.107
2.193
2.20
2.156
2.244
2.25
2.205
2.295
2.30
2.254
2.346
2.35
2.303
2.397
2.40
2.352
2.448
2.45
2.401
2.499
40
60
120
170
2.50
2.450
2.550
2.55
2.499
2.601
2.60
2.548
2.652
2.65
2.597
2.703
2.70
2.646
2.754
2.75
2.695
2.805
2.80
2.744
2.856
2.85
2.793
2.907
2.90
2.842
2.958
2.95
2.891
3.009
35
55
110
160
ELECTRICAL CHARACTERISTICS (Continued)
Dropout Voltage


Similar Part No. - XC6401EE01ER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
More results

Similar Description - XC6401EE01ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com