Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1Z0262-3 Datasheet(PDF) 1 Page - Anaren Microwave

Part No. 1Z0262-3
Description  Hybrid Couplers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANAREN [Anaren Microwave]
Homepage  http://www.anaren.com
Logo 

1Z0262-3 Datasheet(HTML) 1 Page - Anaren Microwave

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Features
• Welded Tab Mount
• 2-Way Power Split
• Reliable Performance
• Handles 560 Watts
Applications
• Microstrip Circuits
• Power Amps
• Divider/Combiners
• Switch Networks
• Balanced Detectors
• Antenna Feeds
Hybrid Couplers
High Power 3 dB, 90°
Outline Drawing
Electrical Specifications
4.2.5
Model 1Z0262-3
Frequency
Isolation
Insert. Loss
VSWR
MHz
dB Min/Typ
dB Max
Max : 1
160 - 230
23
0.25
1.15
Amp. Bal.
Phase Bal.
Power
dB Max
Degrees Max
Ave. CW Watts
±0.30
±2.0
560
NOTES:
1
Marking:
Marking shall be in accordance with MIL-STD-130
2
Finish:
Chemical conversion coat (clear) per MIL-C-5541, class 1A
3
Solder tab info:
3.1 Material: Flat wire, copper-061, per AST-B-272
3.2 Finish:
Gold plate per MIL-G-45204, Type 3,
Grade A, Class 00, over nickel sulfamate
flash per QQ-N-290. Class.
4
Weight:
1.2 oz. Max
5
Dimensions:
Inches and (millimeters)
Notes: Impedance: 50 ohms nominal. Meets MIL-E-5400 Class 3 requirements. Additional screening available for
military and space applications. Electrical specifications apply only properly designed test fixtures. Testing is done
at ambient temperature only. Sample testing is performed to MIL-Std-105, Level 2, AQL 1.0. Test includes cou-
pling, amplitude balance, insertion loss and isolation. If your application requires additional testing, consult Anaren
Power rating applies when solder tab/coupler interface has been conformally coated.
Electrical and Mechanical Specifications subject to change without notice.


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1A0920-3Hybrid Couplers 1 2 Anaren Microwave
1D0263-3Hybrid Couplers 1 Anaren Microwave
1B0024-3Hybrid Couplers 1 2 3 Anaren Microwave
1E0018-3Hybrid Couplers 1 2 3 Anaren Microwave
1Y0265-3Hybrid Couplers 1 2 Anaren Microwave
203X3 dB Hybrid Couplers 1 2 3 Tyco Electronics
1B0220-3Hybrid Couplers 1 2 Anaren Microwave
1E0320-3Hybrid Couplers 1 Anaren Microwave
1Z0261-3Hybrid Couplers 1 Anaren Microwave
1B0260-3Hybrid Couplers 1 Anaren Microwave

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn