Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB1520PBF Datasheet(PDF) 6 Page - International Rectifier

Part # MURB1520PBF
Description  Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MURB1520PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button MURB1520PBF Datasheet HTML 2Page - International Rectifier MURB1520PBF Datasheet HTML 3Page - International Rectifier MURB1520PBF Datasheet HTML 4Page - International Rectifier MURB1520PBF Datasheet HTML 5Page - International Rectifier MURB1520PBF Datasheet HTML 6Page - International Rectifier MURB1520PBF Datasheet HTML 7Page - International Rectifier MURB1520PBF Datasheet HTML 8Page - International Rectifier MURB1520PBF Datasheet HTML 9Page - International Rectifier MURB1520PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MURB1520PbF, MURB1520-1PbF
Bulletin PD-21082 rev. A 02/06
6
www.irf.com
Conform to JEDEC outline D2Pak (SMD-220)
Outlines Table
Modified JEDEC outline TO-262
Dimensions in millimeters and (inches)
NC
Anode
1
3
Base
Cathode
2
N/C


Similar Part No. - MURB1520PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB1520PBF VISHAY-MURB1520PBF Datasheet
120Kb / 7P
   Ultrafast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
MURB1520PBF VISHAY-MURB1520PBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
MURB1520PBF VISHAY-MURB1520PBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
MURB1520PBF VISHAY-MURB1520PBF_10 Datasheet
170Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - MURB1520PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
   Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
logo
Silicon Supplies
MURC1520 SS-MURC1520 Datasheet
1Mb / 4P
   200V 15A 35ns Rectifier
Rev 1.0 27/12/22
logo
International Rectifier
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
6CWQ04FNPBF IRF-6CWQ04FNPBF Datasheet
177Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
   SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
logo
Fairchild Semiconductor
FFPF10UP60STU FAIRCHILD-FFPF10UP60STU Datasheet
2Mb / 4P
   Ultrafast Recovery trr = 40 ns (@ IF = 1 A)
logo
Taiwan Semiconductor Co...
UG54GS TSC-UG54GS Datasheet
262Kb / 5P
   5A, 200V Ultrafast Rectifier
logo
Sanken electric
FMNS-4606S SANKEN-FMNS-4606S Datasheet
251Kb / 6P
   VRM = 600 V, IF(AV) = 60 A, trr = 100 ns Fast Recovery Diode
CTXS-5306S SANKEN-CTXS-5306S Datasheet
269Kb / 6P
   VRM = 600 V, IF(AV) = 30 A, trr = 35 ns Fast Recovery Diode
CTXS-5606S SANKEN-CTXS-5606S Datasheet
276Kb / 6P
   VRM = 600 V, IF(AV) = 60 A, trr = 50 ns Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com