Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM260C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM260C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM260C Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM260C Datasheet HTML 1Page - Rectron Semiconductor FM260C Datasheet HTML 2Page - Rectron Semiconductor FM260C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
FM220C
THRU
FM260C
DO-214AB
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
2002-6
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
.55
.70
mAmps
UNITS
FM220C
FM240C
FM250C
FM260C
FM230C
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
50
40
130
Amps
0 C/ W
0 C
Storage Temperature Range
R
θ JA
IO
-65 to + 125
pF
Operating Temperature Range
TJ
FM220C
FM240C
FM250C
FM260C
FM230C
20
40
50
60
30
14
28
35
42
21
20
40
50
60
30
-65 to + 150
-65 to + 150
0 C
0.006 (0.152)
0.012 (0.305)
0.008 (0.203)
0.004 (0.102)
0.320 (8.13)
0.305 (7.75)
0.030 (0.76)
0.060 (1.52)
0.079 (2.06)
0.103 (2.62)
0.260 (6.60)
0.280 (7.11)
0.220 (5.59)
0.245 (6.22)
0.125 (3.17)
0.115 (2.92)


Similar Part No. - FM260C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM260 RECTRON-FM260 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM260 FORMOSA-FM260 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM260-C FORMOSA-FM260-C Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM260-L FORMOSA-FM260-L Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM260-L FORMOSA-FM260-L Datasheet
165Kb / 7P
   Chip Schottky Barrier Rectifier
More results

Similar Description - FM260C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM220L RECTRON-FM220L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
SS2 RECTRON-SS2 Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
05S2L RECTRON-05S2L Datasheet
363Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 0.5 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SM120 RECTRON-SM120_07 Datasheet
243Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SM120 RECTRON-SM120 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
SS2L RECTRON-SS2L Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
KSLDB260S RECTRON-KSLDB260S Datasheet
112Kb / 8P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 60 Volts CURRENT 2.0 Ampere
2020-10 REV:O
FM120C RECTRON-FM120C Datasheet
34Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com