Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1D0263-3 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 1D0263-3
Description  Hybrid Couplers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1D0263-3 Datasheet(HTML) 1 Page - Anaren Microwave

  1D0263-3 Datasheet HTML 1Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
4.1.26
Hybrid Couplers
3 dB, 90°
Model 1D0263-3
Features
• Welded Tab Mount
• 2-Way Power Split
• Reliable Performance
• Handles 200 Watts
Applications
• Microstrip Circuits
• Divider/Combiners
• Switch Networks
• Balanced Detectors
• Antenna Feeds
Outline Drawing
Notes: Electrical specifications apply only with properly designed test fixtures. Testing is done at ambient temper-
ature only. Sample testing is performed to MIL-STD-105, Level 2, AQL 1.0. Test includes coupling, amplitude
balance, insertion loss and isolation. If your application requires additional testing, consult Anaren Power rating
applies when solder tab/coupler interface has been conformally coated. Impedance: 50 ohms. Meets MIL-E-5400
Class 3 requirements. Additional screening available for military and space applications.
Electrical and Mechanical Specifications subject to change without notice.
Electrical Specifications
Frequency
Isolation
Insert. Loss
VSWR
MHz
dB Min/Typ
dB Max
Max : 1
300 - 550
20/25
0.30
1.20/1.10
Amp. Bal.
Phase Bal.
Power
dB Max
Degrees Max
Ave. CW Watts
±0.50
±2.0
200
NOTES:
1. DIMENSIONS ARE IN INCHES OVER (MILLIMETERS)
2. MARKING SHALL BE IN ACCORDANCE WILL MIL-STD-130
3. FINISH: CHEMICAL CONVERSATION COAT (CLEAR)
PER MIL-C-5541, CLASS 1A
4. SOLDER TAB:
4.1 MATERIAL:FLAT WIRE, COPPER-061, PER ASTM-B-272
4.2 FINISH: GOLD PLATE PER MIL-G-45204, TYPE 3, GRADE A,
CLASS 00. OVER NICKEL SULFAMATE FLASH PER QQ-N-290,
CLASS I.


Similar Part No. - 1D0263-3

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1D0261-3 ANAREN-1D0261-3 Datasheet
232Kb / 1P
   Hybrid Couplers
1D0266-3 ANAREN-1D0266-3 Datasheet
320Kb / 3P
   Hybrid Couplers
More results

Similar Description - 1D0263-3

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1H0568-3 ANAREN-1H0568-3_14 Datasheet
142Kb / 4P
   Hybrid Couplers
10040-3 ANAREN-10040-3_14 Datasheet
227Kb / 4P
   Hybrid Couplers
10264-3 ANAREN-10264-3_14 Datasheet
297Kb / 3P
   Hybrid Couplers
logo
List of Unclassifed Man...
S03A1500W1 ETC-S03A1500W1 Datasheet
650Kb / 2P
   HYBRID COUPLERS
S03B700W1 ETC-S03B700W1 Datasheet
603Kb / 2P
   HYBRID COUPLERS
logo
Anaren Microwave
1A0230-3 ANAREN-1A0230-3 Datasheet
296Kb / 2P
   Hybrid Couplers
1E0320-3 ANAREN-1E0320-3 Datasheet
150Kb / 1P
   Hybrid Couplers
1R0260-3 ANAREN-1R0260-3 Datasheet
130Kb / 1P
   Hybrid Couplers
1R0263-3 ANAREN-1R0263-3 Datasheet
283Kb / 2P
   Hybrid Couplers
1Z0262-3 ANAREN-1Z0262-3 Datasheet
177Kb / 1P
   Hybrid Couplers
1Z0280-3 ANAREN-1Z0280-3 Datasheet
181Kb / 1P
   Hybrid Couplers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com