Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2BZX84C3V0 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part No. 2BZX84C3V0
Description  Surface mount Silicon Planar Dual Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIOTEC [Diotec Semiconductor]
Homepage  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

2BZX84C3V0 Datasheet(HTML) 1 Page - Diotec Semiconductor

  2BZX84C3V0_07 Datasheet HTML 1Page - Diotec Semiconductor 2BZX84C3V0_07 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2BZX84C3V0 ... 2BZX84C47 (300 mW)
2BZX84C3V0 ... 2BZX84C47 (300 mW)
Surface mount Silicon Planar Dual Zener Diodes
Silizium-Planar-Zener-Doppel-Dioden für die Oberflächenmontage
Version 2007-06-29
Dimensions - Maße [mm]
1 = C1
2 = C2
3 = A1/2
Maximum power dissipation
Maximale Verlustleistung
300 mW
Nominal Z-voltage – Nominale Z-Spannung
3.0...47 V
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Standard Zener voltage tolerance is graded to the international E 24 (~ ±5%) standard.
Other voltage tolerances and higher Zener voltages on request.
Die Toleranz der Zener-Spannung ist in der Standard-Ausführung gestuft nach der internationalen
Reihe E 24 (~ ±5%). Andere Toleranzen oder höhere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
Power dissipation – Verlustleistung
TA = 25°C
Ptot
300 mW 1)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
Pinning
Anschlussbelegung
1 = C1 2 = C2 3 = A1/A2
1
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm² Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
0.4
2.9 ±0.1
1
2
3
Type
Code
1.9
2
1
3
0
2
3
4
5
6
7
8
10
[V]
V
Z
[mA]
5
15
0
10
I
Z
Zener Voltage vs. Zener current Abbruchspannung über Zenerstrom
3,0
3,3
3,6
3,9
4,3
4,7
5,1
5,6
6,2
6,8
7,5
8,2
9,1
10
I = 5 mA
Z


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3SMAJ5913B3.0 Watt Surface Mount Silicon Zener Diodes 1 2 3 4 Micro Commercial Components
CZRW55C2V4-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
1SMA4741_11.0 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMA5926Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMA5926_11.5 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMB59263.0 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
EMD4DXV6T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 ON Semiconductor
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
DZ23C2V7Dual Surface Mount Zener Diode 1 2 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn