Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRF6217PBF Datasheet(PDF) 6 Page - International Rectifier

Part No. IRF6217PBF
Description  SMPS MOSFET HEXFET®Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRF6217PBF Datasheet(HTML) 6 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF6217PbF
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
5
10
15
20
25
30
35
Starting Tj, Junction Temperature
( C)
°
I D
TOP
BOTTOM
-0.6A
-1.1A
-1.4A
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
-VGS, Gate -to -Source Voltage (V)
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
ID = -0.7A
VGS = -10V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-ID , Drain Current (A)
1.80
1.82
1.84
1.86
1.88
1.90
1.92
1.94
1.80
1.82
1.84
1.86
1.88
1.90
1.92
1.94
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-VGS
QG
QGS
QGD
VG
Charge
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
tp
V(BR)DSS
I AS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRL3714PBFSMPS MOSFET HEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFZ44NSPBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFR3911PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF8010SSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFS33N15DPBFSMPS MOSFET HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF740ASPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFU3709PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLI3705NPBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB23N20DPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB3507PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn