Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1A0920-3 Datasheet(PDF) 1 Page - Anaren Microwave

Part No. 1A0920-3
Description  Hybrid Couplers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANAREN [Anaren Microwave]
Homepage  http://www.anaren.com
Logo 

1A0920-3 Datasheet(HTML) 1 Page - Anaren Microwave

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model 1A0920-3
Hybrid Couplers
3 dB, 90
o
Outline Drawing
Applications_____________
Microstrip Circuits
Dividers/Combiners
Switch Networks
Balanced Detectors
Antenna Feeds
Features________________
0.1 – 0.5 GHz
Welded Tab mount
Reliable Performance
Handles 200 Watts
Meets MIL-E-5400 Class 3 Requirements
NOTES: Anaren Power rating applies when solder tab/coupler interface has been
conformally coated.
Electrical and Mechanical Specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
203X3 dB Hybrid Couplers 1 2 3 Tyco Electronics
1A0004-3Hybrid Couplers 1 2 3 Anaren Microwave
1A0024-3Hybrid Couplers 1 2 3 Anaren Microwave
1A0220-3Hybrid Couplers 1 2 Anaren Microwave
1A0230-3Hybrid Couplers 1 2 Anaren Microwave
1A0260-3Hybrid Couplers 1 Anaren Microwave
1A0266-3Hybrid Couplers 1 2 Anaren Microwave
1A0280-3Hybrid Couplers 1 Anaren Microwave
AFL120XXSHIGH RELIABILITY HYBRID DC/DC CONVERTERS 1 2 3 4 5 MoreInternational Rectifier
AFM704AEMI FILTER / PROTECTION HYBRID 1 2 3 International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn