Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25640-S Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM25640-S
Description  64Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640-S Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM25640-S Datasheet HTML 1Page - Ramtron International Corporation FM25640-S Datasheet HTML 2Page - Ramtron International Corporation FM25640-S Datasheet HTML 3Page - Ramtron International Corporation FM25640-S Datasheet HTML 4Page - Ramtron International Corporation FM25640-S Datasheet HTML 5Page - Ramtron International Corporation FM25640-S Datasheet HTML 6Page - Ramtron International Corporation FM25640-S Datasheet HTML 7Page - Ramtron International Corporation FM25640-S Datasheet HTML 8Page - Ramtron International Corporation FM25640-S Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FM25640
Rev. 3.0
Mar. 2005
2 of 13
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
`
2,048 x 32
FRAM Array
13
Data I/O Register
8
Nonvolatile Status
Register
3
WP
CS
HOLD
SCK
SO
Figure 1. Block Diagram
Pin Description
Pin Name
I/O
Pin Description
/CS
Input
Chip Select: Enables and disables the device. When /CS is high, the output pin SO is hi-
Z, all other inputs are ignored, and the device remains in a low-power standby mode.
When /CS is low, the part will respond to the SCK signal. A falling edge on /CS must
occur for every op-code.
SCK
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on the
rising edge and outputs occur on the falling edge. The device is static so the clock
frequency may be any value between 0 and 5 MHz and may be interrupted at any time.
/HOLD
Input
Hold: The /HOLD signal is used when the host CPU must interrupt a memory operation
for another task. Asserting the /HOLD signal low pauses the current operation. The
device ignores SCK and /CS. All transitions on /HOLD must occur while SCK is low.
/WP
Input
Write Protect: This pin prevents write operations to the status register. This is critical
since other write protection features are controlled through the status register. A
complete explanation of write protection is provided below. *Note that the function of
/WP is different from the FM25040 where it prevents all writes to the part.
SI
Input
Serial Input: SI is the data input pin. It is sampled on the rising edge of SCK and is
ignored otherwise. It should always be driven to a valid logic level to meet IDD
specifications.
* SI may be connected to SO for a single pin data interface.
SO
Output
Serial Output: SO is the data output pin. It is driven during read cycles and remains hi-Z
at all other times including when HOLD\ is low. Data transitions are driven on the falling
edge of the serial clock.
* SO can be connected to SI for a single pin data interface since the part communicates
in half-duplex.
VDD
Supply
Supply Voltage: 5V
VSS
Supply
Ground


Similar Part No. - FM25640-S

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640-S RAMTRON-FM25640-S Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results

Similar Description - FM25640-S

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com