Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KKA1519 Datasheet(PDF) 6 Page - KODENSHI KOREA CORP.

Part No. KKA1519
Description  2 x 6 WATT STEREO POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KKA1519 Datasheet(HTML) 6 Page - KODENSHI KOREA CORP.

  KKA1519 Datasheet HTML 1Page - KODENSHI KOREA CORP. KKA1519 Datasheet HTML 2Page - KODENSHI KOREA CORP. KKA1519 Datasheet HTML 3Page - KODENSHI KOREA CORP. KKA1519 Datasheet HTML 4Page - KODENSHI KOREA CORP. KKA1519 Datasheet HTML 5Page - KODENSHI KOREA CORP. KKA1519 Datasheet HTML 6Page - KODENSHI KOREA CORP. KKA1519 Datasheet HTML 7Page - KODENSHI KOREA CORP. KKA1519 Datasheet HTML 8Page - KODENSHI KOREA CORP. KKA1519 Datasheet HTML 9Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS (C
L=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
fmax
Maximum Clock Frequency (Figure 1)
5.0
10
15
3.5
8
12
3.5
8
12
3.0
6
10
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figure 1)
5.0
10
15
300
130
90
300
130
90
450
200
150
ns
tPLH
Maximum Propagation Delay, Set to Q or Reset
to Q (Figure 2)
5.0
10
15
300
130
90
300
130
90
450
200
150
ns
tPHL
Maximum Propagation Delay, Set to Q or Reset
to Q (Figure 2)
5.0
10
15
400
170
120
400
170
120
600
250
150
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
250
150
100
ns
CIN
Maximum Input Capacitance
5.0
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
140
60
40
140
60
40
200
80
50
ns
tw
Minimum Pulse Width, Set or Reset (Figure 2)
5.0
10
15
180
80
50
180
80
50
250
120
80
ns
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
5.0
10
15
40
20
15
40
20
15
40
20
15
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
5.0
10
15
5
5
5
5
5
5
8
5
5
ns
tr, tf
Maximum Input Rise or Fall Time, Clock
(Figure 1)
5.0
10
15
500
30
6
500
30
6
500
30
6
µs
6
KKA1519


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn