Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25CL04-G Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # FM25CL04-G
Description  4Kb FRAM Serial 3V Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL04-G Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM25CL04-G Datasheet HTML 4Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 5Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 6Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 7Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 8Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 9Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 10Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 11Page - Ramtron International Corporation FM25CL04-G Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
N
O
T
R
EC
O
M
ME
N
D
ED
FO
R
N
EW
D
ES
IG
N
S
R
ep
la
ce
d
by
FM
25
L0
4
Rev. 3.1
May 2005
Page 10 of 12
Equivalent AC Load Circuit
1.3V
Output
1100
30 pF
AC Parameters (TA = -40° C to + 85° C, CL = 30pF, VDD = 2.7V to 3.65V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
20
MHz
tCH
Clock High Time
22
ns
1
tCL
Clock Low Time
22
ns
1
tCSU
Chip Select Setup
10
ns
tCSH
Chip Select Hold
10
ns
tOD
Output Disable Time
20
ns
2
tODV
Output Data Valid Time
20
ns
tOH
Output Hold Time
0
ns
tD
Deselect Time
60
ns
tR
Data In Rise Time
50
ns
1,3
tF
Data In Fall Time
50
ns
1,3
tSU
Data Setup Time
5
ns
tH
Data Hold Time
5
ns
tHS
/Hold Setup Time
10
ns
tHH
/Hold Hold Time
10
ns
tHZ
/Hold Low to Hi-Z
20
ns
2
tLZ
/Hold High to Data Active
20
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
This parameter is characterized but not 100% tested.
3.
Rise and fall times measured between 10% and 90% of waveform.
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output capacitance (SO)
-
8
pF
1
CI
Input capacitance
-
6
pF
1
Notes
1.
This parameter is characterized but not 100% tested.
Data Retention (VDD = 2.7V to 3.65V)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
5 ns
Input and output timing levels
30% and 70% of VDD


Similar Part No. - FM25CL04-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25CL04-S ETC-FM25CL04-S Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
More results

Similar Description - FM25CL04-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com