Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25CL04 Datasheet(PDF) 4 Page - Ramtron International Corporation

Part # FM25CL04
Description  4Kb FRAM Serial 3V Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL04 Datasheet(HTML) 4 Page - Ramtron International Corporation

  FM25CL04_05 Datasheet HTML 1Page - Ramtron International Corporation FM25CL04_05 Datasheet HTML 2Page - Ramtron International Corporation FM25CL04_05 Datasheet HTML 3Page - Ramtron International Corporation FM25CL04_05 Datasheet HTML 4Page - Ramtron International Corporation FM25CL04_05 Datasheet HTML 5Page - Ramtron International Corporation FM25CL04_05 Datasheet HTML 6Page - Ramtron International Corporation FM25CL04_05 Datasheet HTML 7Page - Ramtron International Corporation FM25CL04_05 Datasheet HTML 8Page - Ramtron International Corporation FM25CL04_05 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
N
O
T
R
EC
O
M
ME
N
D
ED
FO
R
N
EW
D
ES
IG
N
S
R
ep
la
ce
d
by
FM
25
L0
4
Rev. 3.1
May 2005
Page 4 of 12
SPI
Microcontroller
FM25CL04
SO
SI
SCK
CS
HOLD
FM25CL04
SO
SI
SCK
CS
HOLD
SCK
MOSI
MISO
SS1
SS2
HOLD1
HOLD2
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
Figure 2. System Configuration with SPI port
Microcontroller
FM25CL04
SO
SI
SCK
CS
HOLD
P1.0
P1.1
P1.2
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


Similar Part No. - FM25CL04_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25CL04-S ETC-FM25CL04-S Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
More results

Similar Description - FM25CL04_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com