Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4528B Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # IW4528B
Description  Dual Monostable Multivibrator High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

IW4528B Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  IW4528B Datasheet HTML 1Page - KODENSHI_AUK CORP. IW4528B Datasheet HTML 2Page - KODENSHI_AUK CORP. IW4528B Datasheet HTML 3Page - KODENSHI_AUK CORP. IW4528B Datasheet HTML 4Page - KODENSHI_AUK CORP. IW4528B Datasheet HTML 5Page - KODENSHI_AUK CORP. IW4528B Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IW4528B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT= 0.5 V or VCC - 0.5V
VOUT= 1.0 V or VCC - 1.0 V
VOUT= 1.5 V or VCC - 1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -
Level Input Voltage
VOUT= 0.5 V or VCC - 0.5V
VOUT= 1.0 V or VCC - 1.0 V
VOUT= 1.5 V or VCC - 1.5V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
5
10
20
100
5
10
20
100
150
300
600
3000
µA
IOL
Minimum Output
Low (Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output
High (Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
mA
3


Similar Part No. - IW4528B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4528B IKSEMICON-IW4528B Datasheet
220Kb / 6P
   Dual Monostable Multivibrator High-Voltage Silicon-Gate CMOS
IW4528BDW IKSEMICON-IW4528BDW Datasheet
220Kb / 6P
   Dual Monostable Multivibrator High-Voltage Silicon-Gate CMOS
IW4528BN IKSEMICON-IW4528BN Datasheet
220Kb / 6P
   Dual Monostable Multivibrator High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4528B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4528B IKSEMICON-IW4528B Datasheet
220Kb / 6P
   Dual Monostable Multivibrator High-Voltage Silicon-Gate CMOS
logo
Renesas Technology Corp
CD4098BMS RENESAS-CD4098BMS Datasheet
410Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Intersil Corporation
CD4098BMS INTERSIL-CD4098BMS Datasheet
105Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Texas Instruments
CD4098B TI1-CD4098B_15 Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538 TI-CD14538 Datasheet
638Kb / 14P
[Old version datasheet]   CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
CD14538B TI-CD14538B Datasheet
341Kb / 8P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com