Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK4503B Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK4503B
Description  Hex Buffer High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK4503B Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

  KK4503B Datasheet HTML 1Page - KODENSHI KOREA CORP. KK4503B Datasheet HTML 2Page - KODENSHI KOREA CORP. KK4503B Datasheet HTML 3Page - KODENSHI KOREA CORP. KK4503B Datasheet HTML 4Page - KODENSHI KOREA CORP. KK4503B Datasheet HTML 5Page - KODENSHI KOREA CORP. KK4503B Datasheet HTML 6Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK4503B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200kΩ unless otherwise specified, Input tr=tf=20
ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPLH
Maximum Propagation Delay, Input A to
Output Y (Figure 1)
5.0
10
15
150
70
50
150
70
50
300
140
100
ns
tPHL
Maximum Propagation Delay, Input A to
Output Y (Figure 1)
5.0
10
15
110
50
35
110
50
35
220
100
70
ns
tPHZ, tPZH
Maximum Propagation Delay, Output Enable to
Output Y (Figure 2)
RL = 1 kΩ
5.0
10
15
140
60
50
140
60
50
280
120
100
ns
tPZL, tPLZ
Maximum Propagation Delay, Output Enable to
Output Y (Figure 2)
RL = 1 kΩ
5.0
10
15
180
80
70
180
80
70
360
160
140
ns
tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
90
45
35
90
45
35
180
90
70
ns
tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
70
40
25
70
40
25
140
80
50
ns
CIN
Maximum Input Capacitance
-
7.5
pF
COUT
Maximum Tree-State Output Capacitance
(Output in High-Impedance State)
-
15
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn