Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4502B Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK4502B
Description  Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4502B Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK4502B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4502B Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK4502B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200kΩ unless otherwise specified, Input tr=tf=20
ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPHL
Maximum Propagation Delay, Input A or
Direction to Output Y (Figure 1)
5.0
10
15
270
120
80
270
120
80
540
240
160
ns
tPLH
Maximum Propagation Delay, Input A or
Direction to Output Y (Figure 1)
5.0
10
15
380
180
130
380
180
130
760
360
260
ns
tPHZ
Maximum Propagation Delay, Output Enable to
Output Y (Figure 2)
RL = 1 kΩ
5.0
10
15
120
80
60
120
80
60
240
160
120
ns
tPZH
Maximum Propagation Delay, Output Enable to
Output Y (Figure 2)
RL = 1 kΩ
5.0
10
15
220
100
80
220
100
80
440
200
160
ns
tPLZ
Maximum Propagation Delay, Output Enable to
Output Y (Figure 2)
RL = 1 kΩ
5.0
10
15
250
130
110
250
130
110
500
260
220
ns
tPZL
Maximum Propagation Delay, Output Enable to
Output Y (Figure 2)
RL = 1 kΩ
5.0
10
15
250
110
80
250
110
80
500
220
160
ns
tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
120
60
40
120
60
40
240
120
80
ns
CIN
Maximum Input Capacitance
-
7.5
pF
COUT
Maximum Tree-State Output Capacitance
(Output in High-Impedance State)
-
15
pF
4


Similar Part No. - KK4502B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KK4500A LUGUANG-KK4500A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
logo
D+H Mechatronic AG
KK4503 DH-KK4503 Datasheet
443Kb / 2P
   SHEV control panel - compact
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
KK4503BD KODENSHI-KK4503BD Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
KK4503BN KODENSHI-KK4503BN Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
More results

Similar Description - KK4502B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4502B INTEGRAL-IW4502B Datasheet
188Kb / 5P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4502B IKSEMICON-IW4502B Datasheet
211Kb / 6P
   Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
CD4502B TI1-CD4502B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
System Logic Semiconduc...
SL4502B SLS-SL4502B Datasheet
42Kb / 5P
   Strobed Hex Inverter/Buffer
logo
NXP Semiconductors
HEF4502B PHILIPS-HEF4502B Datasheet
41Kb / 4P
   Strobed hex inverter/buffer
January 1995
logo
STMicroelectronics
HCF4502B STMICROELECTRONICS-HCF4502B_02 Datasheet
156Kb / 9P
   STROBED HEX INVERTER/BUFFER
HCC4502B STMICROELECTRONICS-HCC4502B Datasheet
265Kb / 11P
   STROBED HEX INVERTER/BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com