Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4070B Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # KK4070B
Description  Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4070B Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  KK4070B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4070B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4070B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4070B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4070B Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KK4070B
N SUFFIX PLASTIC DIP
(MS - 001AA)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AB)
Symbol
MIN
MAX
A
8.55
8.75
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
Dimension, mm
1.27
5.27
2.54
7.62
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
5


Similar Part No. - KK4070B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4071B KODENSHI-KK4071B Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
KK4071BD KODENSHI-KK4071BD Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
KK4071BN KODENSHI-KK4071BN Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
More results

Similar Description - KK4070B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4030B KODENSHI-KK4030B Datasheet
224Kb / 5P
   Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4030B IKSEMICON-IW4030B Datasheet
152Kb / 5P
   Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
IW4070B IKSEMICON-IW4070B Datasheet
166Kb / 5P
   Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Quad Exclusive - OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
[Old version datasheet]   CMOS QUAD EXCLUSIVE-OR GATE
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
IK Semicon Co., Ltd
IN74AC86 IKSEMICON-IN74AC86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com