Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F6627EPTSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F6627EPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
Download  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6627EPTSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F6627EPTSQTP Datasheet HTML 1Page - Microchip Technology PIC18F6627EPTSQTP Datasheet HTML 2Page - Microchip Technology PIC18F6627EPTSQTP Datasheet HTML 3Page - Microchip Technology PIC18F6627EPTSQTP Datasheet HTML 4Page - Microchip Technology PIC18F6627EPTSQTP Datasheet HTML 5Page - Microchip Technology PIC18F6627EPTSQTP Datasheet HTML 6Page - Microchip Technology PIC18F6627EPTSQTP Datasheet HTML 7Page - Microchip Technology PIC18F6627EPTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F6627EPTSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 448 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39646B-page 1
PIC18F8722 FAMILY
Peripheral Highlights:
• Two Master Synchronous Serial Port (MSSP)
modules supporting 2/3/4-wire SPI™ (all 4
modes) and I2C™ Master and Slave modes
• Two Capture/Compare/PWM (CCP) modules
• Three Enhanced Capture/Compare/PWM (ECCP)
modules:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-Shutdown and Auto-Restart
• Two Enhanced Addressable USART modules:
- Supports RS-485, RS-232 and LIN 1.2
- Auto-Wake-up on Start bit
- Auto-Baud Detect
• 10-bit, up to 16-channel Analog-to-Digital
Converter module (A/D)
- Auto-acquisition capability
- Conversion available during Sleep
• Dual analog comparators with input multiplexing
• High-current sink/source 25 mA/25 mA
• Four programmable external interrupts
• Four input change interrupts
External Memory Interface
(PIC18F8527/8622/8627/8722 only):
• Address capability of up to 2 Mbytes
• 8-bit or 16-bit interface
• 8, 12, 16 and 20-bit Address modes
Power-Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Idle mode currents down to 15
µA typical
• Sleep current down to 0.2
µA typical
• Timer1 Oscillator: 1.8
µA, 32 kHz, 2V
• Watchdog Timer: 2.1
µA
Special Microcontroller Features:
• C compiler optimized architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• 100,000 erase/write cycle Enhanced Flash
program memory typical
• 1,000,000 erase/write cycle Data EEPROM
memory typical
• Flash/Data EEPROM Retention: 100 years typical
• Self-programmable under software control
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Wide operating voltage range: 2.0V to 5.5V
• Fail-Safe Clock Monitor
• Two-Speed Oscillator Start-up
• nanoWatt Technology
Device
Program Memory
Data Memory
I/O
10-bit
A/D
(ch)
CCP/
ECCP
(PWM)
MSSP
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI™
Master
I2C™
PIC18F6527
48K
24576
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F6622
64K
32768
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F6627
96K
49152
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F6722
128K
65536
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F8527
48K
24576
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
PIC18F8622
64K
32768
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
PIC18F8627
96K
49152
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
PIC18F8722
128K
65536
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with
10-Bit A/D and nanoWatt Technology


Similar Part No. - PIC18F6627EPTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6627EPTSQTP MICROCHIP-PIC18F6627EPTSQTP Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results

Similar Description - PIC18F6627EPTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6627 MICROCHIP-PIC18F6627 Datasheet
7Mb / 444P
   64/80-Pin 1-Mbit Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F8722 MICROCHIP-PIC18F8722_08 Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F8723 MICROCHIP-PIC18F8723 Datasheet
1Mb / 60P
   64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87K22 MICROCHIP-PIC18F87K22 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com