Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F8527EPTSQTP Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F8527EPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
Download  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8527EPTSQTP Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F8527EPTSQTP Datasheet HTML 5Page - Microchip Technology PIC18F8527EPTSQTP Datasheet HTML 6Page - Microchip Technology PIC18F8527EPTSQTP Datasheet HTML 7Page - Microchip Technology PIC18F8527EPTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F8527EPTSQTP Datasheet HTML 9Page - Microchip Technology PIC18F8527EPTSQTP Datasheet HTML 10Page - Microchip Technology PIC18F8527EPTSQTP Datasheet HTML 11Page - Microchip Technology PIC18F8527EPTSQTP Datasheet HTML 12Page - Microchip Technology PIC18F8527EPTSQTP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 448 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39646B-page 7
PIC18F8722 FAMILY
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
This family offers the advantages of all PIC18 micro-
controllers – namely, high computational performance at
an economical price – with the addition of high-
endurance, Enhanced Flash program memory. On top of
these features, the PIC18F8722 family introduces
design enhancements that make these microcontrollers
a logical choice for many high-performance, power
sensitive applications.
1.1
New Core Features
1.1.1
nanoWatt TECHNOLOGY
All of the devices in the PIC18F8722 family incorporate
a range of features that can significantly reduce power
consumption during operation. Key items include:
• Alternate Run Modes: By clocking the controller
from the Timer1 source or the internal oscillator
block, power consumption during code execution
can be significantly reduced.
• Multiple Idle Modes: The controller can also run
with its CPU core disabled but the peripherals still
active. In these states, power consumption can be
reduced even further.
• On-the-fly Mode Switching: The power-
managed modes are invoked by user code during
operation, allowing the user to incorporate power-
saving ideas into their application’s software
design.
• Low Consumption in Key Modules: The
power requirements for both Timer1 and the
Watchdog Timer are minimized. See
Section 28.0 “Electrical Characteristics”
for values.
1.1.2
EXPANDED MEMORY
The PIC18F8722 family provides ample room for
application code and includes members with 48, 64,
96 or 128 Kbytes of code space.
• Data RAM and Data EEPROM: The PIC18F8722
family also provides plenty of room for application
data. The devices have 3936 bytes of data RAM,
as well as 1024 bytes of data EEPROM, for long
term retention of nonvolatile data.
• Memory Endurance: The Enhanced Flash cells
for both program memory and data EEPROM are
rated to last for many thousands of erase/write
cycles, up to 100,000 for program memory and
1,000,000 for EEPROM. Data retention without
refresh is conservatively estimated to be greater
than 40 years.
1.1.3
MULTIPLE OSCILLATOR OPTIONS
AND FEATURES
All of the devices in the PIC18F8722 family offer ten
different oscillator options, allowing users a wide range
of choices in developing application hardware. These
include:
• Four Crystal modes, using crystals or ceramic
resonators
• Two External Clock modes, offering the option of
using two pins (oscillator input and a divide-by-4
clock output) or one pin (oscillator input, with the
second pin reassigned as general I/O)
• Two External RC Oscillator modes with the same
pin options as the External Clock modes
• An internal oscillator block which provides an
8 MHz clock and an INTRC source (approxi-
mately 31 kHz), as well as a range of 6 user
selectable clock frequencies, between 125 kHz to
4 MHz, for a total of 8 clock frequencies. This
option frees the two oscillator pins for use as
additional general purpose I/O.
• A Phase Lock Loop (PLL) frequency multiplier,
available to both the high-speed crystal and inter-
nal oscillator modes, which allows clock speeds of
up to 40 MHz. Used with the internal oscillator, the
PLL gives users a complete selection of clock
speeds, from 31 kHz to 32 MHz – all without using
an external crystal or clock circuit.
• PIC18F6527
• PIC18LF6527
• PIC18F6622
• PIC18LF6622
• PIC18F6627
• PIC18LF6627
• PIC18F6722
• PIC18LF6722
• PIC18F8527
• PIC18LF8527
• PIC18F8622
• PIC18LF8622
• PIC18F8627
• PIC18LF8627
• PIC18F8722
• PIC18LF8722


Similar Part No. - PIC18F8527EPTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8527EPTSQTP MICROCHIP-PIC18F8527EPTSQTP Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results

Similar Description - PIC18F8527EPTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6627 MICROCHIP-PIC18F6627 Datasheet
7Mb / 444P
   64/80-Pin 1-Mbit Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F8722 MICROCHIP-PIC18F8722_08 Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F8723 MICROCHIP-PIC18F8723 Datasheet
1Mb / 60P
   64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87K22 MICROCHIP-PIC18F87K22 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com