Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK4052B Datasheet(PDF) 6 Page - KODENSHI KOREA CORP.

Part No. KK4052B
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK4052B Datasheet(HTML) 6 Page - KODENSHI KOREA CORP.

  KK4052B Datasheet HTML 1Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 2Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 3Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 4Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 5Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 6Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 7Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
KK4052B
50%
50%
tt
PLH
PHL
V
V
CC
CC
GND
GND
INPUT
ANALOG OUT
tt
TLH
THL
90%
10%
Figure 1. Switching Waveforms
ENABLE
CHANNEL-SELECT
IPUT
ANALOG
OUT
t
t
t
t
t
t
PHZ
PLZ
r
f
PZH
PZL
V
V
V
V
GND
GND
CC
OH
CC
OL
90%
10%
50%
10%
90%
50%
10%
90%
Figure 2. Switching Waveforms
EXPANDED LOGIC DIAGRAM
10
9
6
16
Ucc
B
C
ENABLE
3
COMMON Y
OUT/IN
COMMON X
OUT/IN
TG
TG
TG
TG
TG
TG
TG
TG
Logic
Level
Conversion
Binary
to
1 of 4
Decoder
with
Enable
8
7
VEE
GND
13
15
2
4
11
15
14
12
32
1
0
01
2
3
Y CHANNELS IN/OUT
X CHANNELS IN/OUT
6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn