Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK4052B Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK4052B
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK4052B Datasheet(HTML) 4 Page - KODENSHI KOREA CORP.

  KK4052B Datasheet HTML 1Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 2Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 3Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 4Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 5Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 6Page - KODENSHI KOREA CORP. KK4052B Datasheet HTML 7Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
KK4052B
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=20.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥ -55
°C
≤ 25
°C
≤ 125
°C
Unit
tPHL(tPLH)
Maximum Propagation Delay , Analog Input to
Analog Output (Figure 1)
RL=200kΩ, VEE=GND=0
5
10
15
60
30
20
60
30
20
70
40
30
ns
tPHL1(tPLH1)
Maximum Propagation Delay , Channel-Select
Input to Analog Output (Figure 1)
RL=200 kΩ, VEE=GND=0
5
10
15
350
200
160
350
200
160
400
250
200
ns
tPZL1(tPZH1)
Maximum Propagation Delay , Channel-Select
Input to Analog Output
(Figure 2) RL=10 kΩ
VEE=GND=0
5
10
15
720
320
240
720
320
240
720
320
240
ns
VEE=-5В, GND=0
5
450
450
450
tPZL2(tPZH2)
Maximum Propagation Delay , Enable to
Analog Output
(Figure 2) RL=10 kΩ
VEE=GND=0
5
10
15
720
320
240
720
320
240
720
320
240
ns
VEE=-10В, GND=0
5
400
400
400
tPLZ1(tPHZ1)
Maximum Propagation Delay , Channel-Select
Input to Analog Output
(Figure 2) RL=10 kΩ
VEE=GND=0
5
10
15
720
320
240
720
320
240
720
320
240
ns
VEE=-5В, GND=0
5
450
450
450
tPLZ2(tPHZ2)
Maximum Propagation Delay , Enable to
Analog Output
(Figure 2) RL=1,0 kΩ
VEE=GND=0
5
10
15
450
210
160
450
210
160
450
210
160
ns
VEE=-10В, GND=0
5
300
300
600
CIN
Maximum Input Capacitance, Channel-Select or
Enable Inputs
-
-
7.5
-
pF
CI/O
Maximum Capacitance
VEE=GND=-5V
CIS
5
-
5*
-
pF
COS
5
-
18*
-
Feedthrough CIOS
5
-
0.2*
-
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn