Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK4051B Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KK4051B
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK4051B Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  KK4051B Datasheet HTML 1Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 2Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 3Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 4Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 5Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 6Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 7Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA
KK4051B
Analog Multiplexer Demultiplexer
High-Performance Silicon-Gate CMOS
N SUFFIX
PLASTIC
D SUFFIX
SOIC
1
16
1
16
ORDERING INFORMATION
KK4051BN
Plastic DIP
KK4051BD
SOIC
TA = -55° to 125° C for all packages
The KK4051B analog multiplexer/demultiplexer is digitally controlled
analog switches having low ON impedance and very low OFF leakage
current. Control of analog signals up to 20V peak-to-peak can be
achieved by digital signal amplitudes of 4.5 to 20V (if VCC - GND = 3V,
a VCC - VEE of up to 13 V can be controlled; for VCC-VEE level differences
above 13V a VCC - GND of at least 4.5V is required).
These multiplexer circuits dissipate extremely low quiescent power
over the full VCC -GND and VCC - VEE supply-voltage ranges,
independent of the logic state of the control signals. When a logic “1”is
present at the ENABLE input terminal all channels are off.
The KK4051B is a single 8-channel multiplexer having three binary
control inputs, A, B and C, and an ENABLE input. The three binary
signals select 1 of 8 channels to be turned on, and connect one of the 8
inputs to the output.
• Operating Voltage Range: 3.0 to 18 V
PIN ASSIGNMENT
• Maximum input current of 1 µA at 18 V over full package-temperature
range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
LOGIC DIAGRAM
Single-Pole, 8-Position Plus Common Off
13
14
12
1
2
4
11
10
9
6
15
3
5
MULTIPLEXER/
DEMULTIPLEXER
X2
X
X5
X0
X1
X3
X4
X6
X7
A
B
C
ENABLE
CHANNEL-SELECT
INPUTS
ANALOG
INPUTS/OUTPUTS
COMMON
OUTPUT/INPUT
PIN 16 =VCC
PIN 7 = VEE
PIN 8 = GND
FUNCTION TABLE
Control Inputs
ON
Enable
Select
Channels
C
B
A
L
L
L
L
X0
L
L
L
H
X1
L
L
H
L
X2
L
L
H
H
X3
L
H
L
L
X4
L
H
L
H
X5
L
H
H
L
X6
L
H
H
H
X7
H
X
X
X
None
H = high level
L = low level
X = don’t care
1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn