Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK4051B Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK4051B
Description  Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK4051B Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

  KK4051B Datasheet HTML 1Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 2Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 3Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 4Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 5Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 6Page - KODENSHI KOREA CORP. KK4051B Datasheet HTML 7Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KK4051B
ADDITIONAL APPLICATION CHARACTERISTICS
Limits
VCC
VIS
**
Typical Value
Symbol
Parameter
Test Conditions
V
V
25
°C
Unit
BW
Maximum On-
Channel
Bandwidth or
Minimum
Frequency
Response (-3db)
VEE=GND=0
RL=1kΩ
20 log(VOS/VIS)=-3db
VOS at Common OUT/IN
10
2,5
20
MHz
VOS at Any Channel
10
2,5
60
f1
(-40db)
Feedthrough
Frequency (All
Channels OFF)
VEE=GND=0
RL=1kΩ
20 log(VOS/VIS)=-40db
VOS at Common OUT/IN
10
2,5
12
MHz
VOS at Any Channel
10
2,5
8
f2
(-40db)
Signal Crosstalk
Frequency
VEE=GND=0
RL=1kΩ
20 log(VOS/VIS)=-40db
Between Any 2 Channels
10
2,5
3
MHz
THD
Total Harmonic
Distortion
VEE=GND=0
fIS=1kHz sine wave
5
10
15
1
1,5
2,5
0.3
0.2
0.12
%
VAO/I
Address-or
Enable to Signal
Crosstalk
VEE=GND=0, RL=10kΩ***
tr,tf=20ns
Square Wave
10
-
65
mV
(Peak)
** Peak-to-peak voltage symmetrical about (VCC-VEE)/2.
*** Both ends of channel.
5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn