Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK4050B Datasheet(PDF) 2 Page - KODENSHI KOREA CORP.

Part No. KK4050B
Description  Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK4050B Datasheet(HTML) 2 Page - KODENSHI KOREA CORP.

  KK4050B Datasheet HTML 1Page - KODENSHI KOREA CORP. KK4050B Datasheet HTML 2Page - KODENSHI KOREA CORP. KK4050B Datasheet HTML 3Page - KODENSHI KOREA CORP. KK4050B Datasheet HTML 4Page - KODENSHI KOREA CORP. KK4050B Datasheet HTML 5Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK4050B
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
VCC
** to +18
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
PD
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
** The KK4050B has high-to-low level voltage conversion capability but not low-to-high level; therefore it is
recommended that VIN ≥ VCC
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN
DC Input Voltage (Referenced to GND)
VCC
**
18
V
VOUT
DC Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
** The KK4050B has high-to-low level voltage conversion capability but not low-to-high level; therefore it is
recommended that VIN ≥ VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn