Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK4050B Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. KK4050B
Description  Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK4050B Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

  KK4050B Datasheet HTML 1Page - KODENSHI KOREA CORP. KK4050B Datasheet HTML 2Page - KODENSHI KOREA CORP. KK4050B Datasheet HTML 3Page - KODENSHI KOREA CORP. KK4050B Datasheet HTML 4Page - KODENSHI KOREA CORP. KK4050B Datasheet HTML 5Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KK4050B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT= VCC - 0.5V
VOUT= VCC - 1.0 V
VOUT= VCC - 1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -
Level Input Voltage
VOUT= 0.5V
VOUT= 1.0 V
VOUT= 1.5V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN= VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
1
2
4
20
1
2
4
20
30
60
120
600
µA
IOL
Minimum Output
Low (Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
4.5
5
10
15
3.3
4
10
26
2.6
3.2
8
24
1.8
2.4
5.6
18
mA
IOH
Minimum Output
High (Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2.6
-0.81
-2.0
-5.2
-2.1
-0.65
-1.65
-4.3
-1.55
-0.48
-1.18
-3.1
mA
3


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn