Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK4049B Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KK4049B
Description  Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK4049B Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  KK4049B Datasheet HTML 1Page - KODENSHI KOREA CORP. KK4049B Datasheet HTML 2Page - KODENSHI KOREA CORP. KK4049B Datasheet HTML 3Page - KODENSHI KOREA CORP. KK4049B Datasheet HTML 4Page - KODENSHI KOREA CORP. KK4049B Datasheet HTML 5Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
KK4049B
Hex Buffer/Converter
High-Voltage Silicon-Gate CMOS
ORDERING INFORMATION
KK4049BN Plastic
KK4049BD SOIC
TA = -55° to 125° C for all packages
The KK4049B is inverting hex buffers and feature logic-level
conversion using only one supply (voltage (VCC). The input-signal high
level (VIH) can exceed the VCC supply voltage when these devices are
used for logic-level conversions. These devices are intended for use as
CMOS to DTL/TTL converters.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-temperature
range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
0.5 V min @ 5.0 V supply
1.0 V min @ 10.0 V supply
1.0 V min @ 15.0 V supply
• High-to-low level conversion
LOGIC DIAGRAM
PINS 13, 16 = NO CONNECTION
PIN 1 =VCC
PIN 8 = GND
PIN ASSIGNMENT
NC = NO CONNECTION
FUNCTION TABLE
Inputs
Output
A
Y
H
L
L
H
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn