Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS05DRE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS05DRE4
Description  HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS05DRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS05DRE4 Datasheet HTML 3Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 4Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 5Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 6Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 7Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 8Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 9Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 10Page - Texas Instruments SN74LS05DRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN54LS05, SN54S05
SN7405, SN74LS05, SN74S05
HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS
SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54/74 AND 54S/74S DEVICES
From Output
Under Test
CL
(see Note A)
RL
Test Point
VCC
LOAD CIRCUIT
1.5 V
1.5 V
High-Level
Pulse
1.5 V
1.5 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PULSE WIDTHS
NOTES: A. CL includes probe and jig capacitance.
B. In the examples above, the phase relationships between inputs and outputs have been chosen arbitrarily.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, and:
For Series 54/74, tr ≤ 7 ns, tf ≤ 7 ns.
For Series 54S/74S, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one input transition per measurement.
1.5 V
1.5 V
Input
tPLH
In-Phase
Output
3 V
0 V
1.5 V
1.5 V
VOH
VOL
tPHL
1.5 V
1.5 V
VOH
VOL
tPHL
tPLH
Out-of-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Figure 1. Load Circuit and Voltage Waveforms
The SN5405 is obsolete
and no longer is supplied.


Similar Part No. - SN74LS05DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS05DRE4 TI-SN74LS05DRE4 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
SN74LS05DRE4 TI-SN74LS05DRE4 Datasheet
893Kb / 22P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUPUTS
SN74LS05DRE4 TI1-SN74LS05DRE4 Datasheet
876Kb / 22P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74LS05DRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS04 RENESAS-HD74LS04 Datasheet
83Kb / 6P
   Hex Inverters / Hex Inverters (with Open Collector Outputs)
HD74LS04 RENESAS-HD74LS04_15 Datasheet
103Kb / 8P
   Hex Inverters / Hex Inverters (with Open Collector Outputs)
logo
Fairchild Semiconductor
DM7405 FAIRCHILD-DM7405 Datasheet
35Kb / 3P
   Hex Inverters with Open-Collector Outputs
DM74LS05 FAIRCHILD-DM74LS05 Datasheet
61Kb / 5P
   Hex Inverters with Open-Collector Outputs
logo
National Semiconductor ...
54LS05 NSC-54LS05 Datasheet
61Kb / 2P
   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS04 HITACHI-HD74LS04 Datasheet
50Kb / 5P
   Hex Inverters(with Open Collector Outputs)
logo
Texas Instruments
SN54ALS05A TI-SN54ALS05A Datasheet
491Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
National Semiconductor ...
DM5405 NSC-DM5405 Datasheet
97Kb / 4P
   DM5405/DM7405 Hex Inverters with Open-Collector Outputs
logo
Texas Instruments
SN54LS05W TI-SN54LS05W Datasheet
893Kb / 22P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUPUTS
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com