Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1362 Datasheet(PDF) 28 Page - Zetex Semiconductors

Part # ZXLD1362
Description  1A LED driver with internal switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1362 Datasheet(HTML) 28 Page - Zetex Semiconductors

Back Button ZXLD1362 Datasheet HTML 24Page - Zetex Semiconductors ZXLD1362 Datasheet HTML 25Page - Zetex Semiconductors ZXLD1362 Datasheet HTML 26Page - Zetex Semiconductors ZXLD1362 Datasheet HTML 27Page - Zetex Semiconductors ZXLD1362 Datasheet HTML 28Page - Zetex Semiconductors ZXLD1362 Datasheet HTML 29Page - Zetex Semiconductors ZXLD1362 Datasheet HTML 30Page - Zetex Semiconductors ZXLD1362 Datasheet HTML 31Page - Zetex Semiconductors ZXLD1362 Datasheet HTML 32Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ZXLD1362
Provisional version B - July 2007
28
www.zetex.com
© Zetex Semiconductors plc 2007
Layout considerations
LX pin
The LX pin of the device is a fast switching node, so PCB tracks should be kept as short as
possible. To minimize ground 'bounce', the ground pin of the device should be soldered directly
to the ground plane.
Coil and decoupling capacitors and current sense resistor
It is particularly important to mount the coil and the input decoupling capacitor as close to the
device pins as possible to minimize parasitic resistance and inductance, which will degrade
efficiency. It is also important to minimize any track resistance in series with current sense resistor
RS. Its best to connect VIN directly to one end of RS and Isense directly to the opposite end of RS
with no other currents flowing in these tracks. It is important that the cathode current of the
Schottky diode does not flow in a track between RS and VIN as this may give an apparent higher
measure of current than is actual because of track resistance.
ADJ pin
The ADJ pin is a high impedance input for voltages up to 1.35V so, when left floating, PCB tracks
to this pin should be as short as possible to reduce noise pickup. A 100nF capacitor from the ADJ
pin to ground will reduce frequency modulation of the output under these conditions. An
additional series 3.3k
resistor can also be used when driving the ADJ pin from an external circuit
(see below). This resistor will provide filtering for low frequency noise and provide protection
against high voltage transients.
High voltage tracks
Avoid running any high voltage tracks close to the ADJ pin, to reduce the risk of leakage currents
due to board contamination. The ADJ pin is soft-clamped for voltages above 1.35V to desensitize
it to leakage that might raise the ADJ pin voltage and cause excessive output current. However,
a ground ring placed around the ADJ pin is recommended to minimize changes in output current
under these conditions.
Evaluation PCB
ZXLD1362 evaluation boards are available on request. These boards contain LEDs to allow quick
testing of the 1362 device. Additional terminals allow for interfacing to customers own LED
products.
GND
ZXLD1362
ADJ
3.3k
100nF
GND


Similar Part No. - ZXLD1362

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
   60V 1A LED DRIVER WITH AEC-Q100
ZXLD1362 DIODES-ZXLD1362 Datasheet
471Kb / 25P
   60V 1A LED DRIVER WITH AEC-Q100
ZXLD1362ET5TA DIODES-ZXLD1362ET5TA Datasheet
365Kb / 24P
   60V 1A LED DREIVER WITH AEC-Q100
ZXLD1362ET5TA DIODES-ZXLD1362ET5TA Datasheet
471Kb / 25P
   60V 1A LED DRIVER WITH AEC-Q100
ZXLD1362QET5TA DIODES-ZXLD1362QET5TA Datasheet
471Kb / 25P
   60V 1A LED DRIVER WITH AEC-Q100
More results

Similar Description - ZXLD1362

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
   1A LED driver with internal switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
   1A LED Driver with Internal Switch
logo
Diodes Incorporated
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
   1A LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
   1A LED driver with internal switch
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
   1A LED Driver with internal switch
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
   30V 1A LED driver with internal switch
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
   40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com