Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS29F040 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS29F040
Description  524288 BY 8-BIT FLASH MEMORY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F040 Datasheet(HTML) 5 Page - Texas Instruments

  TMS29F040 Datasheet HTML 1Page - Texas Instruments TMS29F040 Datasheet HTML 2Page - Texas Instruments TMS29F040 Datasheet HTML 3Page - Texas Instruments TMS29F040 Datasheet HTML 4Page - Texas Instruments TMS29F040 Datasheet HTML 5Page - Texas Instruments TMS29F040 Datasheet HTML 6Page - Texas Instruments TMS29F040 Datasheet HTML 7Page - Texas Instruments TMS29F040 Datasheet HTML 8Page - Texas Instruments TMS29F040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TMS29F040
524288 BY 8-BIT
FLASH MEMORY
SMJS820C – APRIL 1996 – REVISED JUNE 1998
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
operation
Table 1 summarizes the operation modes.
Table 1. Operation Modes
MODE
FUNCTIONS†
MODE
E
G
W
A0
A1
A6
A9
DQ0 – DQ7
Read
VIL
VIL
VIH
A0
A1
A6
A9
Data out
Output disable
VIL
VIH
VIH
X
X
X
X
Hi-Z
Standby and write inhibit
VIH
X
X
X
X
X
X
Hi-Z
Algorithm selection mode
V
V
V
VIL
V
V
V
Mfr. equivalent code 01h
Algorithm-selection mode
VIL
VIL
VIH
VIH
VIL
VIL
VID
Device equivalent code A4h
Write‡
VIL
VIH
VIL
A0
A1
A6
A9
Data in
Sector-protect§
VIL
VID
VIL
X
X
X
VID
X
Sector-protect verify§
VIL
VIL
VIH
VIL
VIH
VIL
VID
Data out
Sector-unprotect§¶
VID
VID
VIL
X
X
VIH
VID
X
Sector-unprotect verify§
VIL
VIL
VIH
VIL
VIH
VIH
VID
Data out
Erase operations
VIL
VIH
See
Note 1
See
Note 1
See
Note 1
See
Note 1
See
Note 1
See Note 1
† X can be VIL or VIH.
‡ Refer to Table 3 for valid address and data during write (byte program).
§ Operation at VCC = 5.0 V and TA = 25°C.
¶ Address pins A12 and A16 = VIH.
NOTE 1: See Figure 6, Figure 7, Figure 8, and Figure 9.
read mode
To read the output of the TMS29F040, a low-level logic signal is applied to the E and G pins. When two or more
TMS29F040 devices are connected in parallel, the output of any one device can be read without interference.
The E pin is power control and is used for device selection. The G pin is output control and is used to gate the
data output onto the bus from the selected device.
The address-access time (tAVQV) is the delay from stable address to valid output data. The chip-enable access
time (tELQV) is the delay from E = VIL and stable addresses to valid output data. The output-enable access time
(tGLQV) is the delay from G = VIL to valid output data when E = VIL and addresses are stable for at least the
duration of tAVQV–tGLQV.
standby mode
The ICC supply current is reduced by applying a logic-high level on E to enter the standby mode. In the standby
mode, the outputs are placed in the high-impedance state. Applying a CMOS logic-high level on E reduces the
current to 100
µA maximum. Applying a TTL logic-high level on E reduces the current to 1 mA maximum.
If the TMS29F040 is deselected during erasure or programming, the device continues to draw active current
until the operation is complete.
output disable
When either G = VIH or E = VIH, output from the device is disabled and the output pins (DQ0–DQ7) are placed
in the high-impedance state.


Similar Part No. - TMS29F040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F040 TI1-TMS29F040 Datasheet
480Kb / 37P
[Old version datasheet]   Erase-Suspend/Erase-Resume Operation
TMS29F040-10C5DDE TI1-TMS29F040-10C5DDE Datasheet
480Kb / 37P
[Old version datasheet]   Erase-Suspend/Erase-Resume Operation
TMS29F040-10C5DDL TI1-TMS29F040-10C5DDL Datasheet
480Kb / 37P
[Old version datasheet]   Erase-Suspend/Erase-Resume Operation
TMS29F040-10C5FML TI1-TMS29F040-10C5FML Datasheet
480Kb / 37P
[Old version datasheet]   Erase-Suspend/Erase-Resume Operation
TMS29F040-12C5DDE TI1-TMS29F040-12C5DDE Datasheet
480Kb / 37P
[Old version datasheet]   Erase-Suspend/Erase-Resume Operation
More results

Similar Description - TMS29F040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29LF040 TI-TMS29LF040 Datasheet
493Kb / 38P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORIES
TMS29LF040 TI-TMS29LF040_08 Datasheet
486Kb / 38P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F512A TI-TMS28F512A Datasheet
311Kb / 21P
[Old version datasheet]   65536 BY 8-BIT FLASH MEMORY
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com