Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2228UA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2228UA
Description  High Precision, Low Noise OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2228UA Datasheet(HTML) 1 Page - Texas Instruments

  OPA2228UA Datasheet HTML 1Page - Texas Instruments OPA2228UA Datasheet HTML 2Page - Texas Instruments OPA2228UA Datasheet HTML 3Page - Texas Instruments OPA2228UA Datasheet HTML 4Page - Texas Instruments OPA2228UA Datasheet HTML 5Page - Texas Instruments OPA2228UA Datasheet HTML 6Page - Texas Instruments OPA2228UA Datasheet HTML 7Page - Texas Instruments OPA2228UA Datasheet HTML 8Page - Texas Instruments OPA2228UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
High Precision, Low Noise
OPERATIONAL AMPLIFIERS
FEATURES
q LOW NOISE: 3nV/
√Hz
q WIDE BANDWIDTH:
OPA227: 8MHz, 2.3V/
µs
OPA228: 33MHz, 10V/
µs
q SETTLING TIME: 5
µs
(significant improvement over OP-27)
q HIGH CMRR: 138dB
q HIGH OPEN-LOOP GAIN: 160dB
q LOW INPUT BIAS CURRENT: 10nA max
q LOW OFFSET VOLTAGE: 75
µV max
q WIDE SUPPLY RANGE:
±2.5V to ±18V
q OPA227 REPLACES OP-27, LT1007, MAX427
q OPA228 REPLACES OP-37, LT1037, MAX437
q SINGLE, DUAL, AND QUAD VERSIONS
APPLICATIONS
q DATA ACQUISITION
q TELECOM EQUIPMENT
q GEOPHYSICAL ANALYSIS
q VIBRATION ANALYSIS
q SPECTRAL ANALYSIS
q PROFESSIONAL AUDIO EQUIPMENT
q ACTIVE FILTERS
q POWER SUPPLY CONTROL
OPA
4227
OPA227
OPA2
27
OPA
2227
OPA4
227
OPA2
227
DESCRIPTION
The OPA227 and OPA228 series op amps combine low
noise and wide bandwidth with high precision to make them
the ideal choice for applications requiring both ac and preci-
sion dc performance.
The OPA227 is unity-gain stable and features high slew rate
(2.3V/
µs) and wide bandwidth (8MHz). The OPA228 is opti-
mized for closed-loop gains of 5 or greater, and offers higher
speed with a slew rate of 10V/
µs and a bandwidth of 33MHz.
The OPA227 and OPA228 series op amps are ideal for
professional audio equipment. In addition, low quiescent
current and low cost make them ideal for portable applica-
tions requiring high precision.
The OPA227 and OPA228 series op amps are pin-for-pin
replacements for the industry standard OP-27 and OP-37
with substantial improvements across the board. The dual
and quad versions are available for space savings and per-
channel cost reduction.
The OPA227, OPA228, OPA2227, and OPA2228 are
available in DIP-8 and SO-8 packages. The OPA4227 and
OPA4228 are available in DIP-14 and SO-14 packages
with standard pin configurations. Operation is specified
from –40
°C to +85°C.
SPICE model available for OPA227 at www.ti.com
SBOS110A – MAY 1998 – REVISED JANUARY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1998-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
OPA227
OPA2227
OPA4227
OPA228
OPA2228
OPA4228
1
2
3
4
8
7
6
5
Trim
V+
Output
NC
Trim
–In
+In
V–
OPA227, OPA228
DIP-8, SO-8
NC = Not Connected
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2227, OPA2228
DIP-8, SO-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4227, OPA4228
DIP-14, SO-14
AD
BC


Similar Part No. - OPA2228UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2228UA BURR-BROWN-OPA2228UA Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2228UA TI1-OPA2228UA Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
Burr-Brown (TI)
OPA2228UA/2K5 BURR-BROWN-OPA2228UA/2K5 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA2228UA/2K5E4 BURR-BROWN-OPA2228UA/2K5E4 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA2228UAE4 BURR-BROWN-OPA2228UAE4 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2228UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com