Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39WF800A-90-4I-B3QE Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39WF800A-90-4I-B3QE
Description  8 Mbit (x16) Multi-Purpose Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39WF800A-90-4I-B3QE Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39WF800A-90-4I-B3QE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39WF800A-90-4I-B3QE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39WF800A-90-4I-B3QE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39WF800A-90-4I-B3QE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39WF800A-90-4I-B3QE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39WF800A-90-4I-B3QE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39WF800A-90-4I-B3QE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39WF800A-90-4I-B3QE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39WF800A-90-4I-B3QE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
©2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Organized as 512K x16
Single Voltage Read and Write Operations
– 1.65-1.95V
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption (typical values at 5 MHz)
– Active Current: 5 mA (typical)
– Standby Current: 5 µA (typical)
Sector-Erase Capability
– Uniform 2 KWord sectors
Block-Erase Capability
– Uniform 32 KWord blocks
Fast Read Access Time
– 90 ns
Latched Address and Data
Fast Erase and Word-Program
– Sector-Erase Time: 36 ms (typical)
– Block-Erase Time: 36 ms (typical)
– Chip-Erase Time: 140 ms (typical)
– Word-Program Time: 28 µs (typical)
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bit
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 48-ball TFBGA (6mm x 8mm)
– 48-ball WFBGA (4mm x 6mm) Micro-Package
– 48-ball WFBGA (5mm x 6mm) Micro-Package
– 48-ball XFLGA (5mm x 6mm) Micro-Package
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST39WF800A device is a 512K x16 CMOS Multi-
Purpose Flash (MPF) manufactured with SST’s proprietary,
high performance CMOS SuperFlash technology. The
split-gate cell design and thick-oxide tunneling injector
attain better reliability and manufacturability compared with
alternate approaches. The SST39WF800A writes (Pro-
gram or Erase) with a 1.65-1.95V power supply. This
device conforms to JEDEC standard pin assignments for
x16 memories.
Featuring
high-performance
Word-Program,
the
SST39WF800A device provides a typical Word-Program
time of 28 µsec. The device uses Toggle Bit or Data# Poll-
ing to detect the completion of the Program or Erase opera-
tion. To protect against inadvertent writes, it has on-chip
hardware
and
software
data
protection
schemes.
Designed, manufactured, and tested for a wide spectrum of
applications, this device is offered with a guaranteed typical
endurance of 100,000 cycles. Data retention is rated at
greater than 100 years.
The SST39WF800A device is suited for applications that
require convenient and economical updating of program,
configuration, or data memory. For all system applications,
it significantly improves performance and reliability, while
lowering power consumption. It inherently uses less energy
during Erase and Program than alternative flash technolo-
gies. When programming a flash device, the total energy
consumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash technologies. These devices also improve flexibility
while lowering the cost for program, data, and configuration
storage applications.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet surface mount requirements, the SST39WF800A
is offered in a 48-ball TFBGA package and a 48-ball Micro-
Package. See Figure 3 and Figure 2 for pin assignments.
8 Mbit (x16) Multi-Purpose Flash
SST39WF800A
SST39WF800A1.8V 8Mb (x16) MPF memory


Similar Part No. - SST39WF800A-90-4I-B3QE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39WF800A-90-4I-B3QE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com