Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25170G Datasheet(PDF) 8 Page - IC MICROSYSTEMS

Part # X25170G
Description  SPI Serial E 2 PROM with Block Lock ??Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25170G Datasheet(HTML) 8 Page - IC MICROSYSTEMS

Back Button X25170G Datasheet HTML 4Page - IC MICROSYSTEMS X25170G Datasheet HTML 5Page - IC MICROSYSTEMS X25170G Datasheet HTML 6Page - IC MICROSYSTEMS X25170G Datasheet HTML 7Page - IC MICROSYSTEMS X25170G Datasheet HTML 8Page - IC MICROSYSTEMS X25170G Datasheet HTML 9Page - IC MICROSYSTEMS X25170G Datasheet HTML 10Page - IC MICROSYSTEMS X25170G Datasheet HTML 11Page - IC MICROSYSTEMS X25170G Datasheet HTML 12Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
X25170
Characteristics subject to change without notice.
8 of 15
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ........................–65 to +135
°C
Storage temperature .............................–65 to +150
°C
Voltage on any pin with respect to VSS.......–1V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds).........300
°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
Supply Voltage
Limits
X25170
5V
±10%
X25170-2.5
2.5V to 5.5V
D.C. OPERATING CHARACTERISTICS(Over the recommended operating conditions unless otherwise specified.)
POWER-UP TIMING
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC
VCC supply current (active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open, CS = VSS
SO = Open, CS = VSS
SO = Open, CS = VSS
ISB
VCC supply current (standby)
1
µACS = VCC, VIN = VSS or VCC
ILI
Input leakage current
10
µAVIN = VSS to VCC
ILO
Output leakage current
10
µAVOUT = VSS to VCC
VIL
(1)
Input LOW voltage
–1
VCC x 0.3
V
VIH
(1)
Input HIGH voltage
VCC x 0.7 VCC + 0.5
V
VOL1
Output LOW voltage
0.4
V
VCC = 5V, IOL = 3mA
VOH1
Output HIGH voltage
VCC–0.8
V
VCC = 5V, IOH = -1.6mA
VOL2
Output LOW voltage
0.4
V
VCC = 2.70V, IOL = 1.5mA
VOH2
Output HIGH voltage
VCC–0.3
V
VCC = 2.70V, IOH = -0.4mA
Symbol
Parameter
Min.
Max.
Units
TPUR
(3)
Power-up to read operation
1
ms
TPUW
(3)
Power-up to write operation
1
ms


Similar Part No. - X25170G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X251 ETC1-X251 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X251-883B ETC1-X251-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128FG ICMIC-X25128FG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25170G

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com