Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2227 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227
Description  High Precision, Low Noise OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2227 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2227 Datasheet HTML 5Page - Texas Instruments OPA2227 Datasheet HTML 6Page - Texas Instruments OPA2227 Datasheet HTML 7Page - Texas Instruments OPA2227 Datasheet HTML 8Page - Texas Instruments OPA2227 Datasheet HTML 9Page - Texas Instruments OPA2227 Datasheet HTML 10Page - Texas Instruments OPA2227 Datasheet HTML 11Page - Texas Instruments OPA2227 Datasheet HTML 12Page - Texas Instruments OPA2227 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
OPA227, 2227, 4227
OPA228, 2228, 4228
9
SBOS110A
www.ti.com
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, RL = 10kΩ, and VS = ±15V, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
G = –1, CL = 1500pF
5
µs/div
SMALL-SIGNAL STEP RESPONSE
G = +1, CL = 1000pF
400ns/div
SMALL-SIGNAL STEP RESPONSE
G = +1, CL = 5pF
400ns/div
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
1k
100
10
1
10k
100k
Load Capacitance (pF)
70
60
50
40
30
20
10
0
Gain = –10
Gain = +10
OPA227
Gain = +1
Gain = –1
OPA227
OPA227
OPA227
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
10M
Frequency (Hz)
1k
10k
100k
1M
30
25
20
15
10
5
0
V
S = ±15V
OPA227
V
S = ±5V


Similar Part No. - OPA2227

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2227 BURR-BROWN-OPA2227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2227 TI1-OPA2227 Datasheet
888Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2227-EP TI1-OPA2227-EP Datasheet
715Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2227-EP TI1-OPA2227-EP Datasheet
888Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2227-EP TI1-OPA2227-EP_13 Datasheet
888Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2227

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com