Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK4002B Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK4002B
Description  Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4002B Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK4002B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4002B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4002B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4002B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4002B Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK4002B
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
PD
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK4002B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4006B KODENSHI-KK4006B Datasheet
339Kb / 7P
   鬼MOS 18-Stage Static Shift Register
KK4006BD KODENSHI-KK4006BD Datasheet
339Kb / 7P
   鬼MOS 18-Stage Static Shift Register
KK4006BN KODENSHI-KK4006BN Datasheet
339Kb / 7P
   鬼MOS 18-Stage Static Shift Register
logo
ZHEJIANG HUAJING RECTIF...
KK400A HUAJING-KK400A Datasheet
219Kb / 3P
   Fast Turn-off Thyhristor
More results

Similar Description - KK4002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4002B ETC1-IW4002B Datasheet
108Kb / 4P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4025B KODENSHI-KK4025B Datasheet
224Kb / 5P
   Triple 3-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4025B IKSEMICON-IW4025B Datasheet
150Kb / 5P
   Triple 3-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4001B INTEGRAL-IW4001B Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4012B KODENSHI-KK4012B Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD54HC4002 TI-CD54HC4002_07 Datasheet
489Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
logo
STMicroelectronics
HCF4002B STMICROELECTRONICS-HCF4002B_01 Datasheet
131Kb / 7P
   DUAL 4-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com