Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KK74VHC02 Datasheet(PDF) 2 Page - KODENSHI KOREA CORP.

Part No. KK74VHC02
Description  Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

KK74VHC02 Datasheet(HTML) 2 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KK74VHC02 truth table
Input
Output
A
B
Y=
B
A
+
L
L
H
L
H
L
H
L
L
H
H
L
Note –
H - high voltage level;
L - low voltage level;
A1
01
B1
02
Y1
03
A2
04
B2
05
Y2
06
07
GND
14
13
12
11
10
09
08
A4
Y4
B3
A3
Y3
B4
Vcc
Figure 1 – Pinout
Pins description in KK74VHC02
Pin No.
Symbol
Pin description
01
Y1
Output
02
А1
Input
03
В1
Input
04
Y2
Output
05
А2
Input
06
В2
Input
07
GND
Common output
08
А3
Input
09
В3
Input
10
Y3
Output
11
А4
Input
12
В4
Input
13
Y4
Output
14
VCC
Supply output from voltage source
2
KK74VHC02


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC10102_02Quad 2-Input NOR Gate 1 2 3 4 5 MoreON Semiconductor
KK74HCT02AQuad 2-Input NOR Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
MC74LCX02_05Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V−Tolerant Inputs 1 2 3 4 5 MoreON Semiconductor
74ACTQ02_05Quad 2-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
KK74ACT02Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
54F02Quad 2-Input NOR Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
KK74VHCT02Quad 2-Input NOR Gate 1 2 3 4 5 MoreKODENSHI KOREA CORP.
MC74VHC02Quad 2-Input NOR Gate 1 2 3 4 5 Motorola, Inc
KK74VHCT00Quad 2-Input NOR Gate 1 2 3 4 5 MoreKODENSHI KOREA CORP.
MC74VQ02LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn