Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3101M Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3101M
Description  Secondary-Side PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3101M Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3101M Datasheet HTML 7Page - National Semiconductor (TI) LM3101M Datasheet HTML 8Page - National Semiconductor (TI) LM3101M Datasheet HTML 9Page - National Semiconductor (TI) LM3101M Datasheet HTML 10Page - National Semiconductor (TI) LM3101M Datasheet HTML 11Page - National Semiconductor (TI) LM3101M Datasheet HTML 12Page - National Semiconductor (TI) LM3101M Datasheet HTML 13Page - National Semiconductor (TI) LM3101M Datasheet HTML 14Page - National Semiconductor (TI) LM3101M Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Functional Description (Continued)
Soft-Start Section
Soft-Start is accomplished by gradually increasing the refer-
ence voltage during start-up The gradual increase is imple-
mented by charging the Soft-Start capacitor CSFST onpin
3 (the SFST pin) The charging current is set according to
the following equation
ISFST e 045RT
A X
TLH11436 – 12
FIGURE 6 Soft-Start Block Diagram
Typically ISFST starts to flow when the supply voltage is
raised above 3V
As shown in
Figure 6 at the beginning of start-up CSFST is
not charged up and the SFST pin pulls down the reference
voltage from its nominal value to
VSFSTO e ISFST  R1
V A X
VSFSTO is designed to be 85% of the nominal reference
voltage The reference voltage rises smoothly from VSFSTO
to its nominal value as CSFST charges up When CSFST
charges up completely the reference voltage is at its nomi-
nal value start-up is over and steady-state operation be-
gins
The discharge time of CSFST is set by the RC network as
tDS e 5  CSFST  R2
This is the time delay required to prepare the Soft-Start cy-
cle after the LM3101 and the entire regulator has been
turned off R2 must be large enough so that the final value
of VSFST is greater than the reference voltage
VSFST e ISFST  (R1 a R2) t 124V
V A X
Power Supply Monitor Functions
The LM3101 provides two monitor functions a power-on
reset flag with programmable delay and a crowbar driver
output for overvoltage conditions
POWER-ON RESET
The power-on reset (POR) flag monitors the output voltage
via the feedback pin (FB - pin 13) The POR flag will go low
after the output voltage reaches 95% of its nominal value
and the subsequent programmed delay has passed The
POR flag pin (pin 11) is an open-collector pin which needs
an external resistor to pull it up This pin is valid with supply
voltages as low as 1V while sinking 16 mA
To program the reset delay connect an external capacitor
to the CRD pin (pin 12) The practical range of delay is from
10 ms to 5 ms and follows the equation
TRD e CRD  60  103
s F
For a power-on reset delay of 120 ms the reset delay ca-
pacitor must be 0002 mF
CROWBAR DRIVER OUTPUT
The second monitor function is a crowbar driver output
(CD – pin 10) If the output voltage gets higher than 120% of
its nominal value the CD pin can supply more than 200 mA
to an external SCR trigger input The SCR will fire shorting
the regulator output and saving the load circuitry from ex-
cessive supply voltage
11


Similar Part No. - LM3101M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Similar Description - LM3101M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
   Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Renesas Technology Corp
IW600 RENESAS-IW600 Datasheet
453Kb / 6P
   Secondary-Side Voltage Positioning Controller
09-Feb-2022
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
   Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com