Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFZ44NSPBF Datasheet(PDF) 6 Page - International Rectifier

Part No. IRFZ44NSPBF
Description  HEXFET®Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFZ44NSPBF Datasheet(HTML) 6 Page - International Rectifier

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFZ44NS/LPbF
6
www.irf.com
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 13a. Basic Gate Charge Waveform
VDS
L
D.U.T.
VDD
IAS
tp
0.01
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
10V
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
QG
QGS
QGD
VG
Charge
10 V
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
100
200
300
400
500
25
50
75
100
125
150
175
J
I
TOP
10A
18A
BOTTOM 25A
A
Starting T , Junction Temperature (°C)
V
= 25V
D
DD


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFU3709PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB3507PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3715ZPBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF9640SPBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3714PBFSMPS MOSFET HEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLML5203PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7311PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7316PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7380PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7453PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn