Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFZ44NSPBF Datasheet(PDF) 4 Page - International Rectifier

Part No. IRFZ44NSPBF
Description  HEXFET®Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRFZ44NSPBF Datasheet(HTML) 4 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRFZ44NS/LPbF
4
www.irf.com
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
500
1000
1500
2000
2500
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0
10
20
3040
506070
Q , Total Gate Charge (nC)
G
A
FOR TEST CIRCUIT
SEE FIGURE 13
V
= 44V
V
= 28V
DS
DS
I = 25A
D
1
10
100
1000
0.5
1.0
1.5
2.0
2.5
3.0
T = 25°C
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
10µs
100µs
1ms
10ms
A
T
= 25°C
T
= 175°C
Single Pulse
C
J


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFU3709PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFB3507PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3715ZPBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF9640SPBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3714PBFSMPS MOSFET HEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLML5203PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7311PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7316PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7380PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7453PBFHEXFET®Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn