Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74LV86 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74LV86
Description  Quad 2-Input Exclusive OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV86 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74LV86 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV86 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV86 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV86 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV86 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74LV86
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
-0.5 to +5.0
V
IIK *
1
Input diode current
±20
mA
IOK *
2
Output diode current
±50
mA
IO *
3
Output source or sink current
±25
mA
ICC
VCC current
±50
mA
IGND
GND current
±50
mA
PD
Power dissipation per package: *4
Plastic DIP
SO
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1.5 mm (Plastic DIP Package), 0.3 mm
(SO Package) from Case for 4 Seconds
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
*1 VI < -0.5 V or VI > VCC + 0.5 V.
*2 VO < -0.5 V or VO > VCC + 0.5 V.
*3 -0.5 V < VO < VCC + 0.5 V.
*4 Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SO Package: : - 8 mW/
°C from 70° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.2
5.5
V
VI
DC Input Voltage
0
VCC
V
VO
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
1.0 В
≤VCC <2.0 В
2.0 В
≤VCC <2.7 В
2.7 В
≤VCC <3.6 В
3.6 В
≤VCC ≤5.5 В
0
0
0
0
500
200
100
50
ns/V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74LV86

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV00 KODENSHI-KK74LV00 Datasheet
297Kb / 5P
   Quad 2-Input NAND Gate
KK74LV00D KODENSHI-KK74LV00D Datasheet
297Kb / 5P
   Quad 2-Input NAND Gate
KK74LV00N KODENSHI-KK74LV00N Datasheet
297Kb / 5P
   Quad 2-Input NAND Gate
KK74LV02 KODENSHI-KK74LV02 Datasheet
271Kb / 5P
   Quad 2-Input NOR Gate
KK74LV02D KODENSHI-KK74LV02D Datasheet
271Kb / 5P
   Quad 2-Input NOR Gate
More results

Similar Description - KK74LV86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com