Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU2407PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFU2407PBF
Description  HEXFET짰Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU2407PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFU2407PBF Datasheet HTML 3Page - International Rectifier IRFU2407PBF Datasheet HTML 4Page - International Rectifier IRFU2407PBF Datasheet HTML 5Page - International Rectifier IRFU2407PBF Datasheet HTML 6Page - International Rectifier IRFU2407PBF Datasheet HTML 7Page - International Rectifier IRFU2407PBF Datasheet HTML 8Page - International Rectifier IRFU2407PBF Datasheet HTML 9Page - International Rectifier IRFU2407PBF Datasheet HTML 10Page - International Rectifier IRFU2407PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFR/U2407PbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE AS SEMBLY LINE "A"
ASS EMBLED ON WW 16, 1999
EXAMPLE:
WIT H ASS EMBLY
T HIS IS AN IRFR120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WEEK 16
PART NUMBER
LOGO
INT ERNAT IONAL
RECT IF IER
AS SEMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DATE CODE
OR
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPT IONAL)
Note: "P" in ass embly line pos ition
indicates "Lead-F ree"
12
34
WEEK 16
A = ASS EMBLY SITE CODE
PART NUMBER
IRFU120
LINE A
LOGO
LOT CODE
ASS EMBLY
INT ERNAT IONAL
RECT IF IER


Similar Part No. - IRFU2407PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU2407PBF KERSEMI-IRFU2407PBF Datasheet
3Mb / 10P
   Surface Mount
IRFU2407PBF KERSEMI-IRFU2407PBF Datasheet
3Mb / 10P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFU2407PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com