Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HCU04A Datasheet(PDF) 5 Page - KODENSHI KOREA CORP.

Part No. KK74HCU04A
Description  Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HCU04A Datasheet(HTML) 5 Page - KODENSHI KOREA CORP.

  KK74HCU04A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 6Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KK74HCU04A
Crystal Oscillator
Stable RC Oscillator
R2
1/6HCU04
C1
R2 >> R1
C1<C2
Vout
C2
R1
R2
R1
C
1/6HCU04
1/6HCU04
1/6HCU04
Vout
Schmitt Trigger
High Input Single-Stage Amplifier
with a 2 to 6 V Supply Range
R2
R1
Vin
Vout
1/6HCU04 1/6HCU04
R2> 6R1
VCC
INPUT
OUTPUT
1 M
1 M
1/6HCU04
Multi-Stage Amplifier
LED Driver
VCC
INPUT
OUTPUT
1/6HCU04 1/6HCU04 1/6HCU04
+V
1/6HCU04
For reduced power suplly current, use high-efficiency LEDs
such as the Hewlett-Packard HLMP series or equivalent
5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn