Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HCU04A Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. KK74HCU04A
Description  Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HCU04A Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

  KK74HCU04A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HCU04A Datasheet HTML 6Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KK74HCU04A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
2.0
4.5
6.0
1.7
3.6
4.8
1.7
3.6
4.8
1.7
3.6
4.8
V
VIL
Maximum Low -
Level Input Voltage
2.0
4.5
6.0
0.3
0.8
1.1
0.3
0.8
1.1
0.3
0.8
1.1
V
VOH
Minimum High-
Level Output
Voltage
VIN=VIH or VIL
IOH = -20 µA
2.0
4.5
6.0
1.8
4.0
5.5
1.8
4.0
5.5
1.8
4.0
5.5
V
VIN=VIH or VIL
IOH = -4 mA
IOH = -5.2 mA
4.5
6.0
3.86
5.36
3.76
5.26
3.7
5.2
VOL
Maximum Low-
Level Output
Voltage
VIN=VIH or VIL
IOL = 20 µA
2.0
4.5
6.0
0.2
0.5
0.5
0.2
0.5
0.5
0.2
0.5
0.5
V
VIN=VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.32
0.32
0.37
0.37
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN=VCC or GND
IOUT=0 µA
6.0
2.0
20
40
µA
3


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn