Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KK74HCT126A Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KK74HCT126A
Description  Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

KK74HCT126A Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  KK74HCT126A Datasheet HTML 1Page - KODENSHI KOREA CORP. KK74HCT126A Datasheet HTML 2Page - KODENSHI KOREA CORP. KK74HCT126A Datasheet HTML 3Page - KODENSHI KOREA CORP. KK74HCT126A Datasheet HTML 4Page - KODENSHI KOREA CORP. KK74HCT126A Datasheet HTML 5Page - KODENSHI KOREA CORP. KK74HCT126A Datasheet HTML 6Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74HCT126A
Quad 3-State Noninverting Buffers
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
KK74HCT126AN Plastic
KK74HCT126AD SOIC
TA = -55° to 125° C for all packages
The KK74HCT126A is identical in pinout to the LS/ALS126. The
KK74HCT126A may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
The KK74HCT126A noninverting buffers are designed to be used with
3-state memory address drivers, clock drivers, and other bus-oriented
systems. The devices have four separate output enables that are active-
high.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
OE
Y
H
H
H
L
H
L
X
L
Z
X = don’t care
Z = high impedance
1


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn